Electronic Components Datasheet Search
  English  ▼

X  

RF2456 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2456
Description  CDMA/FM DOWNCONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2456 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2456 Datasheet HTML 1Page - RF Micro Devices RF2456 Datasheet HTML 2Page - RF Micro Devices RF2456 Datasheet HTML 3Page - RF Micro Devices RF2456 Datasheet HTML 4Page - RF Micro Devices RF2456 Datasheet HTML 5Page - RF Micro Devices RF2456 Datasheet HTML 6Page - RF Micro Devices RF2456 Datasheet HTML 7Page - RF Micro Devices RF2456 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
6-2
RF2456
Rev B6 010717
6
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5.0
VDC
Input LO and RF Levels
+6
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 25° C, VCC=3.0V, RF=881MHz,
LO= 966MHz @ 0dBm, IF 1= CDMA,
IF 2= FM
RF Frequency Range
200 to 1000
MHz
LO Frequency Range
500 to 1100
MHz
IF Frequency Range
0.1 to 250
MHz
Conversion Gain
12.5
13.0
dB
IF 1, 1k
Ω balanced load.
5
7
dB
IF 2, 870
Ω load.
Noise Figure
12
dB
IF 1 single sideband.
13
dB
IF 2 single sideband
Input VSWR
<1.5:1
IF 1 with external matching
< 2:1
IF 2 with external matching
Input IP3
+3.0
+3.5
dBm
IF 1
+3.0
+10.0
dBm
IF 2
Input P1dB
-7
dBm
IF 1
-4
dBm
IF 2
MIX IN to IF1, IF2 Rejection
35
dB
IF1, IF2 Output Freq. Range
70 to 100
MHz
With external IF interface network
Output Impedance
>1
k
IF 1, balanced, open collector
870
IF 2, single ended, with external inductor.
LO Input
LO Input Range
-10
-3
0
dBm
LO IN to RF Input Rejection
20
dB
LO IN to IF1, IF2 Rejection
15
dB
LO Input VSWR
<2:1
IF 1 with external matching network
2.5
IF 2 with external matching network
Power Supply
Voltage
2.7
3.0
4.0
V
Current Consumption
18
21
mA
IF1 selected
15
16
mA
IF2 selected
5
µA
Power down (PD= 0)
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com