Electronic Components Datasheet Search
  English  ▼

X  

RF2456 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2456
Description  CDMA/FM DOWNCONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2456 Datasheet(HTML) 8 Page - RF Micro Devices

  RF2456 Datasheet HTML 1Page - RF Micro Devices RF2456 Datasheet HTML 2Page - RF Micro Devices RF2456 Datasheet HTML 3Page - RF Micro Devices RF2456 Datasheet HTML 4Page - RF Micro Devices RF2456 Datasheet HTML 5Page - RF Micro Devices RF2456 Datasheet HTML 6Page - RF Micro Devices RF2456 Datasheet HTML 7Page - RF Micro Devices RF2456 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
6-8
RF2456
Rev B6 010717
6
CDMA IIP3versusTemperature over LO,
VCC = 3 V, Frequency = 881 MHz
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
LO (dBm)
CDMA iIP3 @ T=-40
CDMA iIP3 @ T=26
CDMA iIP3 @ T= 85
FM IIP3 versus Temperature over LO,
VCC = 3 V, Frequency = 881 MHz
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
LO (dBm)
FM iIP3 @ T=-40
FM iIP3 @ T=26
FM iIP3 @ T= 85
FM Gain versus Temperature over VCC,
Frequency = 881 MHz, LO = -3 dBm
5.5
5.6
5.7
5.8
5.9
6.0
6.1
6.2
6.3
6.4
6.5
2.72.8
2.93.0
3.13.2
3.3
3.4
3.53.6
3.73.8
3.94.0
VCC (V)
FM Gain @ T=-40
FM Gain @ T=26
FM Gain @ T= 85
CDMA Gain versus Temperature over VCC,
Frequency = 881 MHz, LO = -3 dBm
13.0
13.1
13.2
13.3
13.4
13.5
13.6
13.7
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
VCC (V)
CDMA Gain @ T=-40
CDMA Gain @ T=26
CDMA Gain @ T= 85
CDMA IIP3 versus Temperature over VCC,
Frequency = 881 MHz, LO = -3 dBm
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
2.72.8
2.93.0
3.13.2
3.3
3.4
3.53.6
3.73.8
3.94.0
VCC (V)
CDMA iIP3 @ T=-40
CDMA iIP3 @ T=26
CDMA iIP3 @ T= 85
FM IIP3 versus Temperature over VCC,
Frequency = 881 MHz, LO = -3 dBm
6.0
7.0
8.0
9.0
10.0
11.0
12.0
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
VCC (V)
FM iIP3 @ T=-40
FM iIP3 @ T=26
FM iIP3 @ T= 85



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com