Electronic Components Datasheet Search
  English  ▼

X  

RF2456 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2456
Description  CDMA/FM DOWNCONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2456 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2456 Datasheet HTML 1Page - RF Micro Devices RF2456 Datasheet HTML 2Page - RF Micro Devices RF2456 Datasheet HTML 3Page - RF Micro Devices RF2456 Datasheet HTML 4Page - RF Micro Devices RF2456 Datasheet HTML 5Page - RF Micro Devices RF2456 Datasheet HTML 6Page - RF Micro Devices RF2456 Datasheet HTML 7Page - RF Micro Devices RF2456 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
6-4
RF2456
Rev B6 010717
6
Application Schematic
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
33 nF
33 nF
15 nH
LO IN
IF SELECT
33 nF
5.6 nH
3.3 pF
15 nH
L
L
L
CDMA SAW Filter
33 nF
1
µF
FM SAW Filter
L
CDMA IF OUT
FM IF OUT
V
CC
PD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
MIX IN
C9
33 nF
C6
33 nF
L5
8.2 nH
C7
1.5 pF
L6
15 nH
C1
33 nF
L1
150 nH
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
2456400 Rev A
T1
**XFMER
R3
10
C2
10 pF
R1
33
R2
68
C8
33 pF
50
Ωµstrip
J1
RF IN
50
Ωµstrip
J4
LO IN
VCC
50
Ωµstrip
J2
FM IF2
50
Ωµstrip
J3
CDMA IF1
IF SELECT
ENABLE
P2
1
2
3
P2-3
ENABLE
GND
P2-1
IF SELECT
GND
P1-1
VCC
P1
1
2
3
L7
15 nH
50
Ωµstrip
J5
L8*
TBD
R4
220
C3
9pF
L2
390 nH
C4
9pF
C5
33 nF
C10
1uF
+
L3
3.3 uH
VCC
L4
3.3 uH
VCC
NOTE:
**Core: Fair-Rite Balun #2865002402
L12: 3 turns #30 AWG (Green)
L34: 12 turns #32 AWG (Red)
One turn = One pass through BOTH holes winding starts and finishes on same end of core.
L12 and L34 exit opposite ends of core.
2
F1*
DNI
GND
0
0
1
1
Enable
0
1
0
1
IF Select
Off
Off
FM
CDMA
Stage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com