Electronic Components Datasheet Search
  English  ▼

X  

RF2456 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2456
Description  CDMA/FM DOWNCONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2456 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2456 Datasheet HTML 1Page - RF Micro Devices RF2456 Datasheet HTML 2Page - RF Micro Devices RF2456 Datasheet HTML 3Page - RF Micro Devices RF2456 Datasheet HTML 4Page - RF Micro Devices RF2456 Datasheet HTML 5Page - RF Micro Devices RF2456 Datasheet HTML 6Page - RF Micro Devices RF2456 Datasheet HTML 7Page - RF Micro Devices RF2456 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ü
6-1
6
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
FM-
FM+
GND
CDMA+
CDMA-
IF SELECT
PD
GND
GND
GND
BYP
MIXER IN
GND
LO-
LO+
RF2456
CDMA/FM DOWNCONVERTER
• CDMA/FM Cellular Systems
• Supports Dual-Mode AMPS/CDMA
• Supports Dual-Mode TACS/CDMA
• General Purpose Downconverter
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
The RF2456 is a receiver dual downconverter designed
for the receive section of dual-mode CDMA/FM cellular
applications. It is designed to downconvert RF signals
while providing 13dB gain in CDMA mode, and 7 dB gain
in FM mode. It also features digital control of IF output
selection and power down mode. Noise Figure, IP3, and
other specs are designed to be compatible with the IS-95
Interim Standard for CDMA cellular communications. The
IC is manufactured on an advanced Silicon Bipolar pro-
cess and packaged in an SSOP-16.
• Dual Mode CDMA/AMPS
• Dual Mode JCDMA/TACS
• Digitally Selectable IF Outputs
• 500MHz to 1100MHz Operation
• Power Down Mode
RF2456
CDMA/FM Downconverter
RF2456 PCBA
Fully Assembled Evaluation Board
6
Rev B6 010717
0.157
0.150
0.025
0.012
0.008
0.196
0.189
0.2440
0.2284
0.0688
0.0532
0.050
0.016
0.0098
0.0075
8° MAX
0°MIN
NOTES:
1. Shaded lead is Pin 1.
2. All dimensions are excluding mold flash.
3. Lead coplanarity - 0.005 with respect to datum "A".
-A-
0.0098
0.0040
Package Style: SSOP-16


Similar Part No. - RF2456

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2451 RFMD-RF2451 Datasheet
81Kb / 6P
3V LOW NOISE AMPLIFIER
RF2459 RFMD-RF2459 Datasheet
122Kb / 8P
3V PCS DOWNCONVERTER
More results

Similar Description - RF2456

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9500 PHILIPS-SA9500 Datasheet
150Kb / 22P
Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
SA9502 PHILIPS-SA9502 Datasheet
256Kb / 26P
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
logo
RF Micro Devices
RF2449 RFMD-RF2449 Datasheet
288Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2461 RFMD-RF2461 Datasheet
365Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2466 RFMD-RF2466 Datasheet
139Kb / 8P
3V CDMA/FM MIXER
logo
Intersil Corporation
HFA3665 INTERSIL-HFA3665 Datasheet
73Kb / 8P
CDMA/AMPS Downconverter with AGC Capability
May 1999
logo
RF Micro Devices
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_06 Datasheet
355Kb / 12P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_1 Datasheet
585Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com