Electronic Components Datasheet Search
  English  ▼

X  

RF2506 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2506
Description  VHF/UHF VCO/HIGH-ISOLATION BUFFER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2506 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2506 Datasheet HTML 1Page - RF Micro Devices RF2506 Datasheet HTML 2Page - RF Micro Devices RF2506 Datasheet HTML 3Page - RF Micro Devices RF2506 Datasheet HTML 4Page - RF Micro Devices RF2506 Datasheet HTML 5Page - RF Micro Devices RF2506 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary
12-11
RF2506
Rev A1 000908
12
Pin
Function
Description
Interface Schematic
1VCC1
Power supply connection for the VCO. This pin should be well
bypassed close to the package with a capacitor suitable for the fre-
quency of operation as well as a capacitor to minimize low frequency
noise from the voltage supply. The ground side of the capacitors should
connect immediately to ground plane.
2GND1
Ground connection for the VCO. Keep traces physically short and con-
nect immediately to ground plane for best performance. In order to min-
imize load pulling, it is recommended that pin 2 has a different return
path to ground than pin 6 (i.e., separate vias to a common ground
plane).
See pin 2.
3
FDBK
Feedback output to resonant circuit. A Colpitts oscillator is formed by
placing a capacitor from this pin to pin 4 and from this pin to ground. A
DC blocking capacitor, suitable for the frequency of operation, should
be used if the external circuitry has DC present or presents a DC path
to ground. See the application schematic of this data sheet for design
details.
See pin 4.
4
VTUNE
Tank circuit input. A resonant circuit is placed from this pin to ground.
The capacitive side is tapped to the FDBK point and the inductive side
includes a varactor for voltage tuning to provide the VCO function. A
DC blocking capacitor, suitable for the frequency of operation, should
be used if the external circuitry has DC present or presents a DC path
to ground. See the application schematic of this data sheet for design
details.
5RF OUT
RF output pin. This is an open-collector output and must be biased
externally. A shunt bias/matching inductor to VCC and a series blocking/
matching capacitor are recommended. See Application Example Sche-
matic.
6GND2
Ground connection for the buffer amplifiers. Keep traces physically
short and connect immediately to ground plane for best performance.
In order to minimize load pulling, it is recommended that pin 2 has a dif-
ferent return path to ground than pin 6 (i.e., separate vias to a common
ground plane).
7VCC2
Power supply connection for the buffer amplifiers. This pin should be
well bypassed close to the package with a capacitor suitable for the fre-
quency of operation. The ground side of the capacitor should connect
immediately to ground plane.
8PD
Power Down pin for the VCO and buffer amplifiers. A logic “low” (0.0 to
0.7V) turns the entire device off and supply current drops to less than
1
µA. A logic “high” (≥3.0V) turns the device on. Note that the voltage
on this pin should never exceed 5.5VDC.
VTUNE
To Bias Ckts.
To Buffer Amps
and Bias Ckts.
FDBK
GND1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com