Electronic Components Datasheet Search
  English  ▼

X  

RF2506 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2506
Description  VHF/UHF VCO/HIGH-ISOLATION BUFFER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2506 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2506 Datasheet HTML 1Page - RF Micro Devices RF2506 Datasheet HTML 2Page - RF Micro Devices RF2506 Datasheet HTML 3Page - RF Micro Devices RF2506 Datasheet HTML 4Page - RF Micro Devices RF2506 Datasheet HTML 5Page - RF Micro Devices RF2506 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
12-9
12
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
8PD
7
VCC2
6
GND2
5
RF OUT
4
VTUNE
3
FDBK
2
GND1
1
VCC1
RF2506
VHF/UHF VCO/HIGH-ISOLATION
BUFFER AMPLIFIER
• Low Voltage
•Wireless LANs
• IF LO for 2.45GHz ISM Band Systems
• Wireless Local Loop
• Digital Cordless Phones
The RF2506 is an integrated oscillator and buffer ampli-
fier chain designed to achieve low sensitivity to fluctua-
tions in load impedance and power supply noise, while
maintaining superior phase noise performance. The IC
offers great flexibility, yet is easy to use. This product was
designed for use in applications with low supply voltages.
It has a power-down feature and is designed to operate
from 10MHz to 1000MHz with the help of an external res-
onator. Frequency control is achieved with an external
varactor diode. The IC’s ease of use, reduced load pull-
ing, small size, and low cost make it an ideal LO (Local
Oscillator) for wireless applications in the VHF/UHF
range. The RF2506 was designed to operate with the
2.4GHz chipset; specifically with the IF portion of the
RF2518 PLL/synthesizer.
• High-Isolation/Reduced Load Pulling
• Low Current Consumption
• -7dBm Output Power
• Digitally Controlled Power Down Mode
• 10MHz to 1GHz Operating Range
• Single 2.7V to 3.6V Supply
RF2506
VHF/UHF VCO/High-Isolation Buffer Amplifier
RF2506 PCBA
Fully Assembled Evaluation Board
12
Rev A1 000908
0.006
+ 0.003
0.034
6° MAX
0° MIN
0.021
+ 0.004
0.006
+ 0.002
NOTES:
1. Shaded lead is pin 1.
2. All dimensions are exclusive of flash,
protrusions or burrs.
3. Lead coplanarity: 0.002 with respect
to datum "A".
A
0.192
+ 0.008
0.0256
0.012
0.118
+ 0.004 sq.
Package Style: MSOP-8


Similar Part No. - RF2506

ManufacturerPart #DatasheetDescription
logo
Mersen
RF250/RL250 MERSEN-RF250/RL250 Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
logo
RF Micro Devices
RF2504 RFMD-RF2504 Datasheet
92Kb / 8P
VCO/HIGH-ISOLATION BUFFER AMPLIFIER
logo
Adam Technologies, Inc.
RF250D0050 ADAM-TECH-RF250D0050 Datasheet
154Kb / 1P
RF CONNECTORS
RF250D0075 ADAM-TECH-RF250D0075 Datasheet
154Kb / 1P
RF CONNECTORS
RF250DAS50 ADAM-TECH-RF250DAS50 Datasheet
154Kb / 1P
RF CONNECTORS
More results

Similar Description - RF2506

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBFJ309LT1 MOTOROLA-MMBFJ309LT1 Datasheet
165Kb / 6P
JFET VHF/UHF Amplifier Transistor
logo
STMicroelectronics
2N5179 STMICROELECTRONICS-2N5179 Datasheet
42Kb / 2P
VHF/UHF AMPLIFIER
logo
RF Micro Devices
RF2301 RFMD-RF2301 Datasheet
198Kb / 10P
HIGH ISOLATION BUFFER AMPLIFIER
RF2504 RFMD-RF2504 Datasheet
92Kb / 8P
VCO/HIGH-ISOLATION BUFFER AMPLIFIER
logo
Toshiba Semiconductor
TA4002F TOSHIBA-TA4002F_07 Datasheet
320Kb / 5P
VHF~UHF Wide Band Amplifier
logo
Comset Semiconductor
BFX89 COMSET-BFX89 Datasheet
146Kb / 4P
WIDE BAND VHF/UHF AMPLIFIER
logo
New Jersey Semi-Conduct...
2N4416A NJSEMI-2N4416A Datasheet
190Kb / 2P
JFET VHF/UHF AMPLIFIER
logo
ON Semiconductor
2N3819G ONSEMI-2N3819G Datasheet
175Kb / 8P
JFET VHF/UHF Amplifier
March, 2002 ??Rev. 0
logo
AVAGO TECHNOLOGIES LIMI...
MGA-565P8 AVAGO-MGA-565P8 Datasheet
312Kb / 12P
High Isolation Buffer Amplifier
logo
NXP Semiconductors
CA912 NXP-CA912 Datasheet
234Kb / 4P
VHF/UHF CATV Amplifier
REV 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com