Electronic Components Datasheet Search
  English  ▼

X  

RF2506 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2506
Description  VHF/UHF VCO/HIGH-ISOLATION BUFFER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2506 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2506 Datasheet HTML 1Page - RF Micro Devices RF2506 Datasheet HTML 2Page - RF Micro Devices RF2506 Datasheet HTML 3Page - RF Micro Devices RF2506 Datasheet HTML 4Page - RF Micro Devices RF2506 Datasheet HTML 5Page - RF Micro Devices RF2506 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary
12-12
RF2506
Rev A1 000908
12
Application Schematic
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
8
7
6
5
4
3
2
1
C13
100 pF
C4
100 pF
PD
C1
10 pF
C2
10 pF
C8
4pF
C6
100 pF
L1
27 nH
R1
47 k
Ω
VTUNE
D1
SMV
1249-011
C7
10 pF
L2
8.2 nH
C5
100 pF
RF OUT
V
CC
V
CC
V
CC
C11
10 uF
+
C3
100 pF
8
7
6
5
4
3
2
1
C4
100 pF
PD
VCC
C7
10 pF
L2
8.2 nH
C5
100 pF
50
Ωµstrip
J1
RF OUT
VCC
C3
100 pF
C11
10 uF
+
C13
100 pF
C1
10 pF
C2
10 pF
C8
4pF
C9*
10 pF
L1
27 nH
D1
SMV1249
-011
R1
47 k
Ω
C6
100 pF
VTUNE
VCC
P1
1
2
3
CON3
P1-3
PD
GND
VCC
P1-1
C10
10 uF
+
C12
10 nF
P2
1
2
CON3
GND
P2-1
VTUNE
*Not Populated
2506400-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com