Electronic Components Datasheet Search
  English  ▼

X  

RF2510 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2510
Description  VHF/UHF TRANSMITTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2510 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2510 Datasheet HTML 2Page - RF Micro Devices RF2510 Datasheet HTML 3Page - RF Micro Devices RF2510 Datasheet HTML 4Page - RF Micro Devices RF2510 Datasheet HTML 5Page - RF Micro Devices RF2510 Datasheet HTML 6Page - RF Micro Devices RF2510 Datasheet HTML 7Page - RF Micro Devices RF2510 Datasheet HTML 8Page - RF Micro Devices RF2510 Datasheet HTML 9Page - RF Micro Devices RF2510 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Preliminary
11-6
RF2510
Rev A6 010207
11
Application Schematic (915MHz)
Application Schematic (915MHz)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
VREF P
LOOP FLT
RESNTR+
MOD IN
RESNTR-
DIV CTRL
MOD CTRL
OSC B
OSC E
GND1
VCO OUT
VCC
GND
PD
NC
100 pF
100 pF
X1
7.15909
MHz
V
CC
PD
MOD CTRL
DIV CTRL
4.7 nH
4.7 nH
D1
5pF
MOD IN
10 k
Ω
1.2k
Ω
10 nF
100 nF
33 nF
22 pF
.01 uF
VCC
10
Ω
22 pF
.01 uF
D1 : SMV1233-011
Loop BW=5kHz
VCO OUT
18
Ω
270
Ω
270
Ω
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
VREF P
LOOP FLT
RESNTR+
MOD IN
RESNTR-
DIV CTRL
MOD CTRL
OSC B
OSC E
GND1
VCO OUT
VCC
GND
PD
NC
100 pF
100 pF
X1
7.15909 MHz
V
CC
VCO OUT
PD
MOD
CTRL
DIV
CTRL
4.7 nH
4.7 nH
D1
5pF
AUDIO
10 k
Ω
1.2 k
Ω
10 nF
100 nF
33 nF
22 pF
.1 uF
VCC
10
Ω
22 pF
.1 uF
D1, D2 : SMV1233-011
18
Ω
270
Ω
270
Ω
47 k
Ω
22 pF
D2
Loop BW=5kHz
RF2510 Audio Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com