Electronic Components Datasheet Search
  English  ▼

X  

RF2510 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2510
Description  VHF/UHF TRANSMITTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2510 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2510 Datasheet HTML 2Page - RF Micro Devices RF2510 Datasheet HTML 3Page - RF Micro Devices RF2510 Datasheet HTML 4Page - RF Micro Devices RF2510 Datasheet HTML 5Page - RF Micro Devices RF2510 Datasheet HTML 6Page - RF Micro Devices RF2510 Datasheet HTML 7Page - RF Micro Devices RF2510 Datasheet HTML 8Page - RF Micro Devices RF2510 Datasheet HTML 9Page - RF Micro Devices RF2510 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Preliminary
11-10
RF2510
Rev A6 010207
11
Peak-to-Peak Deviation for
MODIN= 0 V to Signal Level, VCC =3.0 V
0.0
50.0
100.0
150.0
200.0
250.0
300.0
350.0
400.0
450.0
500.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Signal Level (V)
Freq. Dev. (KHzp-p)
Peak-to-Peak Deviation for
MODIN= 0 V to Signal Level, VCC =4.0 V
0.0
100.0
200.0
300.0
400.0
500.0
600.0
0.0
1.0
2.0
3.0
4.0
5.0
Signal Level (V)
Freq. Dev. (KHzp-p)
Peak-to-Peak Deviation for
MODIN= 0 V to Signal Level, VCC =5.0 V
0.0
100.0
200.0
300.0
400.0
500.0
600.0
700.0
0.0
1.0
2.0
3.0
4.0
5.0
Signal Level (V)
Freq. Dev. (KHzp-p)
Output Power and ICC versus Voltage,
Freq = 915 MHz, with 3dB Attenuator
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
Supply Voltage (Volts)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
-40C Pout
+25C Pout
+85C Pout
-40C Icc
+25C Icc



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com