Electronic Components Datasheet Search
  English  ▼

X  

RF2510 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2510
Description  VHF/UHF TRANSMITTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2510 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2510 Datasheet HTML 2Page - RF Micro Devices RF2510 Datasheet HTML 3Page - RF Micro Devices RF2510 Datasheet HTML 4Page - RF Micro Devices RF2510 Datasheet HTML 5Page - RF Micro Devices RF2510 Datasheet HTML 6Page - RF Micro Devices RF2510 Datasheet HTML 7Page - RF Micro Devices RF2510 Datasheet HTML 8Page - RF Micro Devices RF2510 Datasheet HTML 9Page - RF Micro Devices RF2510 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Preliminary
11-8
RF2510
Rev A6 010207
11
Evaluation Board Schematic
868 MHz
Evaluation Board Schematic
915 MHz
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Phase
Detector &
Charge Pump
Prescaler
128/129 or
64/65
DC Bias
C1
100 pF
C2
100 pF
X1
13.577344 MHz
C16*
8pF
C17*
C3
100 pF
R7
270
Ω
R6
270
Ω
R5
18
Ω
C4
6pF
C5
6pF
L1
6.8 nH
50
Ω µstrip
J1
VCO OUT
R1
10
Ω
C7
.01 uF
C6
22 pF
VCC
C11
5pF
D1
SMV1233
-011
VCC
C13
22 pF
C12
.01 uF
C15
4.7
µF
R4
10
Ω
50
Ω µstrip
J2
MOD IN
DIV CTRL
MOD CTRL
R2
3.9 k
Ω
C9
10 nF
C8
33 nF
C10
100 nF
R3
0.750 k
Ω
2510401, Rev B
R8*
C18
3-10 pF
L2
4.7 nH
L3
4.7 nH
C14
4.7
µF
+
P1
1
2
3
CON3
P1-3
VCC
GND
P1-1
PD
P2
1
2
3
CON3
P2-1
DIV CTRL
GND
P2-3
MOD CTRL
PD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Phase
Detector &
Charge Pump
Prescaler
128/129 or
64/65
DC Bias
C1
100 pF
C2
100 pF
X1
7.15909 MHz
C16*
8pF
C17*
C3
100 pF
R7
270
Ω
R6
270
Ω
R5
18
Ω
C4
6pF
C5
6pF
L1
6.8 nH
50
Ω µstrip
J1
VCO OUT
R1
10
Ω
C7
0.1 uF
C6
22 pF
VCC
C11
5pF
D1
SMV1233
-011
L2
4.7 nH
VCC
C13
22 pF
C12
0.1 uF
C15
4.7
µF
R4
10
Ω
50
Ω µstrip
J2
MOD IN
DIV CTRL
MOD CTRL
R2
3.9 k
Ω
C9
10 nF
C8
33 nF
C10
100 nF
R3
1.2 k
Ω
2510402, Rev B
R8*
C18
3-10 pF
L3
4.7 nH
C14
4.7
µF
+
PD
P1
1
2
3
CON3
P1-3
VCC
GND
P1-1
PD
P2
1
2
3
CON3
P2-1
DIV CTRL
GND
P2-3
MOD CTRL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com