Electronic Components Datasheet Search
  English  ▼

X  

RF2510 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2510
Description  VHF/UHF TRANSMITTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2510 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2510 Datasheet HTML 1Page - RF Micro Devices RF2510 Datasheet HTML 2Page - RF Micro Devices RF2510 Datasheet HTML 3Page - RF Micro Devices RF2510 Datasheet HTML 4Page - RF Micro Devices RF2510 Datasheet HTML 5Page - RF Micro Devices RF2510 Datasheet HTML 6Page - RF Micro Devices RF2510 Datasheet HTML 7Page - RF Micro Devices RF2510 Datasheet HTML 8Page - RF Micro Devices RF2510 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ü
11-1
11
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
11
13
12
Prescaler
128/129 or
64/65
Phase
Detector &
Charge Pump
1
2
10
9
OSC B
4
VCO OUT
14
7
DC Bias
RF2510
VHF/UHF TRANSMITTER
• Local Oscillator Source
• FM/FSK Transmitter
• Wireless Data Transmitters
• 433/868/915MHz ISM Band Systems
• Low-Cost Single Frequency LO Source
• Wireless Security Systems
The RF2510 is a monolithic integrated circuit intended for
use as a low-cost Frequency Synthesizer. The device is
provided in a 16 pin SSOP package and is designed to
provide a phased locked frequency source for use in local
oscillator or transmitter applications. The chip can be
used in FM or FSK applications in the U.S. 915MHz ISM
band and European 433MHz and 868MHz ISM band.
The integrated VCO, dual modulus/dual divide (128/129
or 64/65) pre-scaler, and reference oscillator require only
the addition of an external crystal to provide a complete
phase-locked oscillator.
• Fully Integrated PLL Circuit
• Integrated VCO and Reference Oscillator
• 2.4V to 5.0V Supply Voltage
• Low Current and Power Down Capability
• 300MHz to 1000MHz Frequency Range
• Narrowband and Wideband FM
RF2510
VHF/UHF Transmitter
RF2510 PCBA-L
Fully Assembled Evaluation Board 433MHz
RF2510 PCBA-M Fully Assembled Evaluation Board 868MHz
RF2510 PCBA-H Fully Assembled Evaluation Board 915MHz
11
Rev A6 010207
0.157
0.150
0.025
0.012
0.008
0.196
0.189
0.2440
0.2284
0.0688
0.0532
0.050
0.016
0.0098
0.0075
8° MAX
0°MIN
NOTES:
1. Shaded lead is Pin 1.
2. All dimensions are excluding mold flash.
3. Lead coplanarity - 0.005 with respect to datum "A".
-A-
0.0098
0.0040
Package Style: SSOP-16


Similar Part No. - RF2510

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2512 RFMD-RF2512 Datasheet
313Kb / 14P
UHF TRANSMITTER
RF2513 RFMD-RF2513 Datasheet
321Kb / 14P
UHF TRANSMITTER
RF2514 RFMD-RF2514 Datasheet
268Kb / 14P
VHF/UHF TRANSMITTER
RF2514 RFMD-RF2514 Datasheet
285Kb / 14P
VHF/UHF TRANSMITTER
RF2514 RFMD-RF2514 Datasheet
447Kb / 18P
VHF/UHF TRANSMITTER
More results

Similar Description - RF2510

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2512 RFMD-RF2512 Datasheet
313Kb / 14P
UHF TRANSMITTER
RF2513 RFMD-RF2513 Datasheet
321Kb / 14P
UHF TRANSMITTER
RF2514 RFMD-RF2514 Datasheet
268Kb / 14P
VHF/UHF TRANSMITTER
RF2516 RFMD-RF2516 Datasheet
295Kb / 20P
VHF/UHF TRANSMITTER
logo
List of Unclassifed Man...
TX4915 ETC-TX4915 Datasheet
234Kb / 9P
TX4915 VHF/UHF TRANSMITTER
USP10 ETC1-USP10 Datasheet
46Kb / 1P
VHF/UHF TRANSISTOR
logo
RF Micro Devices
RF2514 RFMD-RF2514_06 Datasheet
285Kb / 14P
VHF/UHF TRANSMITTER
RF2514 RFMD-RF2514_1 Datasheet
447Kb / 18P
VHF/UHF TRANSMITTER
logo
Diodes Incorporated
ZUMT918TA DIODES-ZUMT918TA Datasheet
25Kb / 1P
VHF/UHF TRANSISTOR
DECEMBER 1998
logo
Leshan Radio Company
LMBTH10QLT1G LRC-LMBTH10QLT1G_15 Datasheet
230Kb / 5P
VHF/UHF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com