Electronic Components Datasheet Search
  English  ▼

X  

RF2609 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2609
Description  CDMA/FM TRANSMIT AGC AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2609 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2609 Datasheet HTML 1Page - RF Micro Devices RF2609 Datasheet HTML 2Page - RF Micro Devices RF2609 Datasheet HTML 3Page - RF Micro Devices RF2609 Datasheet HTML 4Page - RF Micro Devices RF2609 Datasheet HTML 5Page - RF Micro Devices RF2609 Datasheet HTML 6Page - RF Micro Devices RF2609 Datasheet HTML 7Page - RF Micro Devices RF2609 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
10-11
RF2609
Rev B3 000822
10
Pin
Function
Description
Interface Schematic
1
CDMA+
CDMA Balanced Input Pin. This pin is internally DC biased and should
be DC blocked if connected to a device with a DC level, other than VCC,
present. A DC to connection to VCC is acceptable. For single-ended
input operation, one pin is used as an input and the other CDMA input
is AC coupled to ground. The balanced input impedance is 1k
Ω, while
the single-ended input impedance is 500
Ω.
2
CDMA-
Same as pin 2, except complementary input.
See pin 1 schematic.
3GND
Ground connection. Keep traces physically short and connect immedi-
ately to ground plane for best performance.
4GND
Same as pin 3.
5GND
Same as pin 3.
6GND
Same as pin 3.
7GND
Same as pin 3.
8NC
No Connection pin. This pin is internally biased and should not be con-
nected to any external circuitry, including ground or VCC.
9OUT-
Balanced Output pin. This is an open-collector output, designed to
operate into a 500
Ω balanced load. The load sets the operating imped-
ance, but an external choke or matching inductor to VCC must also be
supplied in order to correctly bias this output. This bias inductor is typi-
cally incorporated in the matching network between the output and next
stage. Because this pin is biased to VCC, a DC blocking capacitor must
be used if the next stage’s input has a DC path to ground.
10
OUT+
Same as pin 9, except complementary output.
See pin 9 schematic.
11
GND
Same as pin 3.
12
GND
Same as pin 3.
13
VCC
Supply Voltage pin. External bypassing is required. The trace length
between the pin and the bypass capacitors should be minimized. The
ground side of the bypass capacitors should connect immediately to
ground plane. Pins 13, 14, and 15 may share one bypass capacitor if
trace lengths are kept minimal.
14
VCC
Same as pin 13.
15
VCC
Same as pin 13.
16
GC
Analog gain adjustment for all amplifiers. Valid control ranges are from
0V to 3.0V. Maximum gain is selected with 3.0V. Minimum gain is
selected with 0V. These voltages are valid only for a 3.3k
Ω DC source
impedance.
580
Ω
V
CC
580
Ω
CDMA-
CDMA+
OUT-
OUT+
23.5 k
Ω
15 k
Ω
12.7 k
Ω
V
CC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com