Electronic Components Datasheet Search
  English  ▼

X  

RF2609 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2609
Description  CDMA/FM TRANSMIT AGC AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2609 Datasheet(HTML) 7 Page - RF Micro Devices

  RF2609 Datasheet HTML 1Page - RF Micro Devices RF2609 Datasheet HTML 2Page - RF Micro Devices RF2609 Datasheet HTML 3Page - RF Micro Devices RF2609 Datasheet HTML 4Page - RF Micro Devices RF2609 Datasheet HTML 5Page - RF Micro Devices RF2609 Datasheet HTML 6Page - RF Micro Devices RF2609 Datasheet HTML 7Page - RF Micro Devices RF2609 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
10-15
RF2609
Rev B3 000822
10
RF2609 IIP3 vs. Gain
(Vcc=3.6 V, 130 MHz)
-50
-40
-30
-20
-10
0
10
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
Gain (dB)
-30 C
+25 C
+80 C
RF2609 Gain vs. Gain Control Voltage
(Vcc=3.6 V, 130 MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
GC (volts)
+25°C
-30°C
+80°C
RF2609 Noise Figure vs. Gain
(Vcc=3.6 V, 130 MHz)
0
10
20
30
40
50
60
70
80
-60
-40
-20
0
20
40
60
Gain (dB)
RF2609 OIP3 vs. Gain
(Vcc=3.6 V, 130 MHz)
-70
-60
-50
-40
-30
-20
-10
0
10
20
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
Gain (dB)
-30 C
+25 C
+85 C
RF2609 Gain vs. Gain Control Voltage
(Vcc=3.3 V, 130 MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
GC (volts)
-30 C
+25 C
+85 C
RF2609 OIP3 vs. Gain
(Vcc=3.3 V, 130 MHz)
-70
-60
-50
-40
-30
-20
-10
0
10
20
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
Gain (dB)
-30 C
+25 C
85 C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com