Electronic Components Datasheet Search
  English  ▼

X  

RF2609 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2609
Description  CDMA/FM TRANSMIT AGC AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2609 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2609 Datasheet HTML 1Page - RF Micro Devices RF2609 Datasheet HTML 2Page - RF Micro Devices RF2609 Datasheet HTML 3Page - RF Micro Devices RF2609 Datasheet HTML 4Page - RF Micro Devices RF2609 Datasheet HTML 5Page - RF Micro Devices RF2609 Datasheet HTML 6Page - RF Micro Devices RF2609 Datasheet HTML 7Page - RF Micro Devices RF2609 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
10-13
RF2609
Rev B3 000822
10
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GAIN
CONTROL
T1
C1
5.1 pF
C3
0.01
µF
C2
5.1 pF
C4
0.01
µF
50
Ω µstrip
SMA
J1
L2
270 nH
L1
270 nH
R1
3.3 k
C12
0.01
µF
P1-3
P1-1
C10
0.01
µF
C11
0.01
µF
L4
100 nH
C9
20 pF
C8
36 pF
T2
WB3040
R2
1k
C5
36 pF
L3
100 nH
C6
0.01
µF
P1-1
C7
20 pF
50
Ω µstrip
SMA
J2
2609400A
CDMA
OUT
1
2
3
P1-1
P1-3
VCC
GND
P1
GC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com