Electronic Components Datasheet Search
  English  ▼

X  

RF2609 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2609
Description  CDMA/FM TRANSMIT AGC AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2609 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2609 Datasheet HTML 1Page - RF Micro Devices RF2609 Datasheet HTML 2Page - RF Micro Devices RF2609 Datasheet HTML 3Page - RF Micro Devices RF2609 Datasheet HTML 4Page - RF Micro Devices RF2609 Datasheet HTML 5Page - RF Micro Devices RF2609 Datasheet HTML 6Page - RF Micro Devices RF2609 Datasheet HTML 7Page - RF Micro Devices RF2609 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
10-12
RF2609
Rev B3 000822
10
Application Schematic
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
10 nF
10 nF
R2:
1 k
C2
C2
L1
C1
L1
C1
V
CC
10 nF
V
CC
CDMA Filter
OUT+
OUT-
IN+
IN-
Measurement
Reference Plane
Z
IN=1 kΩ
Z
S=1 kΩ
Z
OUT=1 kΩ
Z
LOAD=1 kΩ
R2 sets the balanced output impedance to 1 k
Ω. L1 and C2
serve dual purposes. L1 serves as an output bias choke,
and C2 serves as a series DC block. In addition, the values
of L1 and C2 may be chosen to form an impedance
matching network if the load impedance is not 1k
Ω.
Otherwise, the values of L1 and C1 are chosen to form a
parallel-resonant tank circuit at the IF when the IF filter's
input impedance is 1 k
Ω.
Z
LOAD,EFF=500 Ω
Measurement
Reference Plane
10 nF
10 nF
3.3 k
GAIN
GAIN
CONTROL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com