Electronic Components Datasheet Search
  English  ▼

X  

RF2640 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2640
Description  3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2640 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2640 Datasheet HTML 1Page - RF Micro Devices RF2640 Datasheet HTML 2Page - RF Micro Devices RF2640 Datasheet HTML 3Page - RF Micro Devices RF2640 Datasheet HTML 4Page - RF Micro Devices RF2640 Datasheet HTML 5Page - RF Micro Devices RF2640 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary
6-38
RF2640
Rev A3 010717
6
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +3.6
VDC
Input RF Power
+3
dBm
Operating Ambient Temperature
-30 to +80
°C
Storage Temperature
-30 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, VCC=2.7V, RF Out=836MHz,
LO= 1016MHz @ -8dBm, IF = 180MHz
@ -30dBm
RF Output Frequency Range
824
849
MHz
Conversion Gain
22
23.5
26
dB
Noise Figure
12
dB
Single Sideband
Output P1dB
+8.5
dBm
Output IP3
+17
+18.5
dBm
Output VSWR
1.25:1
50
IF Input
IF Frequency
180
MHz
IF Input Level
-60
-15
dBm
Single-Ended Input Impedance
70
IF to RF Isolation
45
dB
LO Input
LO Frequency Range
1004
1029
MHz
LO Level
-10
-8
-6
dBm
LO to RF Output Leakage
-18
dBm
IF Input< -24dBm
LO Input VSWR
1.25:1
50
Power Supply
Voltage
2.7
3.3
V
Current Consumption
45
65
mA
Device is active (ON); VPD=1.8V
10
µA
Device is inactive (OFF); VPD=0.6V
Power Down Voltage
0.0
0.6
V
Device is inactive (OFF); VPD=0.6V
1.2
1.8
V
Device is active (ON); VPD=1.8V
Power Down Current
0.1
mA
Device is active (ON); VPD=1.8V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com