Electronic Components Datasheet Search
  English  ▼

X  

RF2640 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2640
Description  3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2640 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2640 Datasheet HTML 1Page - RF Micro Devices RF2640 Datasheet HTML 2Page - RF Micro Devices RF2640 Datasheet HTML 3Page - RF Micro Devices RF2640 Datasheet HTML 4Page - RF Micro Devices RF2640 Datasheet HTML 5Page - RF Micro Devices RF2640 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Preliminary
6-42
RF2640
Rev A3 010717
6
Noise Figure versus LO PIN
VCC =2.7 V
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
-10.0
-9.5
-9.0
-8.5
-8.0
-7.5
-7.0
-6.5
-6.0
LO PIN (dBm)
NF, -30º
NF, 26º
NF, 80º
OIP3 versus LO PIN
VCC =2.7 V
18.0
18.5
19.0
19.5
20.0
20.5
21.0
-10.0
-9.5
-9.0
-8.5
-8.0
-7.5
-7.0
-6.5
-6.0
LO PIN (dBm)
OIP3, -30º
OIP3, 26º
OIP3, 80º
OP1dB versus LO PIN
VCC =2.7 V
9.2
9.3
9.4
9.5
9.6
9.7
9.8
9.9
10.0
10.1
-10.0
-9.5
-9.0
-8.5
-8.0
-7.5
-7.0
-6.5
-6.0
LO PIN (dBm)
OP1dB, -30º
OP1dB, 26º
OP1dB, 80º
Gain versus LO PIN
VCC =2.7 V
23.0
23.5
24.0
24.5
25.0
25.5
26.0
-10.0
-9.5
-9.0
-8.5
-8.0
-7.5
-7.0
-6.5
-6.0
LO PIN (dBm)
Gain, -30º
Gain, 26º
Gain, 80º



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com