Electronic Components Datasheet Search
  English  ▼

X  

RF2640 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2640
Description  3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2640 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2640 Datasheet HTML 1Page - RF Micro Devices RF2640 Datasheet HTML 2Page - RF Micro Devices RF2640 Datasheet HTML 3Page - RF Micro Devices RF2640 Datasheet HTML 4Page - RF Micro Devices RF2640 Datasheet HTML 5Page - RF Micro Devices RF2640 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6-37
6
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
IF+
IF-
GND1
LO
GND2
GND3
RF GND
RF OUT
PD
VCC
1
2
3
4
5
10
9
8
7
6
RF2640
3V 900MHZ UPCONVERTER/
DRIVER AMPLIFIER
• TDMA/AMPS Cellular Systems
• CDMA/AMPS Cellular Systems
• Portable Battery Powered Equipment
The RF2640 is a complete upconverter and power ampli-
fier driver designed for TDMA and CDMA applications.
The device features balanced IF inputs, single-ended LO
input and RF output for ease of interface. Packaged in an
industry standard MSOP-10 package, the device pro-
vides a low-cost solution while easing board space limita-
tions.
• Single Supply 3.0V Operation
• +8.5dBm Output P1dB
• +19dBm Output IP3
• Power Down Control
• 23dB Conversion Gain
RF2640
3V 900MHz Upconverter/ Driver Amplifier
RF2640 PCBA
Fully Assembled Evaluation Board
6
Rev A3 010717
0.192
0.118
0.118
0.008
0.004
±0.002
0.038
±0.006
0.0197
±0.0004
0.021
±0.004
0.006
±0.002
0.014 TYP
6.0°
0.0°
Package Style: MSOP-10


Similar Part No. - RF2640

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2641 RFMD-RF2641 Datasheet
96Kb / 6P
CDMA UPCONVERTER/BPSK MODULATOR
RF2642 RFMD-RF2642 Datasheet
155Kb / 8P
3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642 RFMD-RF2642 Datasheet
190Kb / 10P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642 RFMD-RF2642 Datasheet
332Kb / 12P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642PCBA-41X RFMD-RF2642PCBA-41X Datasheet
332Kb / 12P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
More results

Similar Description - RF2640

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
3V 900MHZ LINEAR AMPLIFIER
RF2642 RFMD-RF2642 Datasheet
155Kb / 8P
3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2643 RFMD-RF2643 Datasheet
375Kb / 16P
3V DUAL-BAND UPCONVERTER AND DRIVER AMPLIFIER
RF3100-2 RFMD-RF3100-2 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3105 RFMD-RF3105 Datasheet
124Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3117 RFMD-RF3117 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF2162 RFMD-RF2162_06 Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
RF2192 RFMD-RF2192_06 Datasheet
174Kb / 10P
3V 900MHz LINEAR POWER AMPLIFIER
RF2642 RFMD-RF2642_06 Datasheet
190Kb / 10P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642 RFMD-RF2642_1 Datasheet
332Kb / 12P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com