Electronic Components Datasheet Search
  English  ▼

X  

RF2681 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2681
Description  W-CDMA LINEAR VARIABLE GAIN DRIVER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2681 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2681 Datasheet HTML 1Page - RF Micro Devices RF2681 Datasheet HTML 2Page - RF Micro Devices RF2681 Datasheet HTML 3Page - RF Micro Devices RF2681 Datasheet HTML 4Page - RF Micro Devices RF2681 Datasheet HTML 5Page - RF Micro Devices RF2681 Datasheet HTML 6Page - RF Micro Devices RF2681 Datasheet HTML 7Page - RF Micro Devices RF2681 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary
4-44
RF2681
Rev A1 010824
4
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +3.6
VDC
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Usable Frequency Range
1800 to 2100
MHz
Linear Gain Control Range
30
dB
Gain Control Slope
40
dB/V
W-CDMA
Operating Frequency
1920 to 1980
MHz
Small Signal Gain
24
26
29
dB
VGC=2.4V (Maximum Gain)
-7
-5
-3
VGC=0V (Minimum Gain)
Output IP3
+22.0
+24.0
+26.0
dBm
VGC=2.4V (Maximum Gain)
Noise Figure
3
dB
Small signal
Input VSWR
1.4:1
2:1
Over entire gain control range
Output VSWR
1.8:1
2:1
Maximum Linear Output Power
8
9
dBm
W-CDMA ACPR< -43dBc
ACPR1 (5MHz Offset)
-48
dBc
Over entire gain control range. PIN such that
POUT=9dBm at maximum gain setting.
W-CDMA reverse link modulation.
ACPR2 (10MHz Offset)
-62
dBc
Power Supply
Supply Voltage
2.7
3.3
V
Operating range
Gain Control Voltage
0 to 2.4
V
Useful range
Supply Current
38
mA
VCC=2.7V
VGC Current
220
µAV
GC = 2.4 V (Maximum Gain)
1.7
mA
VGC=0.2V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com