Electronic Components Datasheet Search
  English  ▼

X  

RF2681 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2681
Description  W-CDMA LINEAR VARIABLE GAIN DRIVER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2681 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2681 Datasheet HTML 1Page - RF Micro Devices RF2681 Datasheet HTML 2Page - RF Micro Devices RF2681 Datasheet HTML 3Page - RF Micro Devices RF2681 Datasheet HTML 4Page - RF Micro Devices RF2681 Datasheet HTML 5Page - RF Micro Devices RF2681 Datasheet HTML 6Page - RF Micro Devices RF2681 Datasheet HTML 7Page - RF Micro Devices RF2681 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary
4-47
RF2681
Rev A1 010824
4
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
10
11
12
1
3
2
6
5
4
9
8
7
VCC
C2
47 nF
VREG
C3
47 nF
C4
1nF
VCC
C5
47 nF
VENABLE
L1
3.6 nH
C6
3pF
50
Ωµstrip
J1
RF IN
L3
2nH
C9
3pF
L2
10 nH
C8
47 nF
VCC
VGC
C1
47 nF
J2
OUT
50
Ωµstrip
R1
51
Ω
L4
2.2 nH
P1
1
2
3
CON3
GND
P1-1
VCC
C10
1uF
GND
P2
1
2
3
4
CON4
GND
P2-2
VCC ZLO
P2-1
VGC
P2-4
VCC
C11
1uF
+
C12
1uF
+
P3
1
2
3
CON3
GND
C13
1uF
C14
1uF
+
P3-1
VCC ZHI
P3-3
VENABLE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com