Electronic Components Datasheet Search
  English  ▼

X  

RF2681 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2681
Description  W-CDMA LINEAR VARIABLE GAIN DRIVER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2681 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2681 Datasheet HTML 1Page - RF Micro Devices RF2681 Datasheet HTML 2Page - RF Micro Devices RF2681 Datasheet HTML 3Page - RF Micro Devices RF2681 Datasheet HTML 4Page - RF Micro Devices RF2681 Datasheet HTML 5Page - RF Micro Devices RF2681 Datasheet HTML 6Page - RF Micro Devices RF2681 Datasheet HTML 7Page - RF Micro Devices RF2681 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ü
4-43
4
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
VCC1
VCC2
VREG
GND
GND
GND
10
11
12
1
3
2
6
5
4
9
8
7
RF2681
W-CDMA LINEAR VARIABLE GAIN
DRIVER AMPLIFIER
• PA Driver Amplifier for W-CDMA Handsets
• General Purpose Driver Amplifier
The RF2681 is a linear variable gain amplifier specifically
designed for PA driver applications in W-CDMA handsets.
The device maintains excellent linearity over a 30dB gain
control range, while providing a maximum of 26 dB gain.
The IC is manufactured on an advanced Gallium Ars-
enide Heterojunction Bipolar Transistor Process and is
provided in an extremely small 3mmx3 mm, 12-pin, lead-
less chip carrier.
• 30dB Linear Gain Control Range
•26dB Maximum Gain
• Single 2.7V to 3.3V Supply
• High Linearity Over Entire Gain Control
Range
• 9dBm Output Drive Available
RF2681
W-CDMA Linear Variable Gain Driver Amplifier
RF2681 PCBA
Fully Assembled Evaluation Board
4
Rev A1 010824
Dimensions in mm.
12°
max
1.00
0.85
3.00
sq.
1.25
0.95
sq.
2
0.30
0.18
0.50
0.23
0.13
4PLCS
0.80
0.65
NOTES:
Shaded Pin is Lead 1.
1
Dimension applies to plated terminal and is measured between 0.02 mm and
0.25 mm from terminal end.
2
5
Die thickness allowable: 0.305 mm max.
Package Warpage: 0.05 mm max.
4
Pin 1 identifier must exist on top surface of package by identification mark or
feature on the package body. Exact shape and size is optional.
3
0.65
0.30
4PLCS
0.60
0.24 typ
0.75
0.50
0.05
0.01
Package Style: LCC, 12-Pin, 3x3


Similar Part No. - RF2681

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2689 RFMD-RF2689 Datasheet
383Kb / 20P
W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
More results

Similar Description - RF2681

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2302 RFMD-RF2302 Datasheet
164Kb / 8P
BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376 Datasheet
112Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377 RFMD-RF2377 Datasheet
123Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381 Datasheet
102Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376_06 Datasheet
131Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377 RFMD-RF2377_06 Datasheet
147Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381_06 Datasheet
125Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376_1 Datasheet
277Kb / 10P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381_1 Datasheet
261Kb / 10P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074 Datasheet
940Kb / 9P
W High Linearity Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com