Electronic Components Datasheet Search
  English  ▼

X  

RF2681 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2681
Description  W-CDMA LINEAR VARIABLE GAIN DRIVER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2681 Datasheet(HTML) 7 Page - RF Micro Devices

  RF2681 Datasheet HTML 1Page - RF Micro Devices RF2681 Datasheet HTML 2Page - RF Micro Devices RF2681 Datasheet HTML 3Page - RF Micro Devices RF2681 Datasheet HTML 4Page - RF Micro Devices RF2681 Datasheet HTML 5Page - RF Micro Devices RF2681 Datasheet HTML 6Page - RF Micro Devices RF2681 Datasheet HTML 7Page - RF Micro Devices RF2681 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary
4-49
RF2681
Rev A1 010824
4
Input SWR versus VGC
1.20
1.25
1.30
1.35
1.40
1.45
1.50
0.00
0.50
1.00
1.50
2.00
2.50
VGC (V)
SWR, -40º
SWR, 25º
SWR, 85º
Output SWR versus VGC
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0.0
0.5
1.0
1.5
2.0
2.5
VGC (V)
SWR, -40º
SWR, 25º
SWR, 85º
Gain versus VGC
VCC = 2.7 V, Freq = 1950 MHz
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.0
0.5
1.0
1.5
2.0
2.5
VGC (V)
Gain, -40º
Gain, 25º
Gain, 85º
ACPR versus VGC
Maximum Output Power: VCC = 2.7 V, Freq = 1950 MHz
-70.0
-66.0
-62.0
-58.0
-54.0
-50.0
-46.0
-42.0
-38.0
-34.0
-30.0
0.0
0.5
1.0
1.5
2.0
2.5
VGC (V)
ACPR, -40º
ACPR, 25º
ACPR, 85º
OIP3 versus VGC
Maximum Output Power: VCC = 2.7 V, Freq = 1950 MHz
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.0
0.5
1.0
1.5
2.0
2.5
VGC (V)
OIP3, -40º
OIP3, 25º
OIP3, 85º
ICC versus VGC
VCC = 2.7 V, Freq = 1950 MHz
35.0
36.0
37.0
38.0
39.0
40.0
0.0
0.5
1.0
1.5
2.0
2.5
VGC (V)
Icc, -40º
Icc, 25º
Icc, 85º



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com