Electronic Components Datasheet Search
  English  ▼

X  

RF2917 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2917
Description  433/868/915MHZ FM/FSK RECEIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2917 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2917 Datasheet HTML 6Page - RF Micro Devices RF2917 Datasheet HTML 7Page - RF Micro Devices RF2917 Datasheet HTML 8Page - RF Micro Devices RF2917 Datasheet HTML 9Page - RF Micro Devices RF2917 Datasheet HTML 10Page - RF Micro Devices RF2917 Datasheet HTML 11Page - RF Micro Devices RF2917 Datasheet HTML 12Page - RF Micro Devices RF2917 Datasheet HTML 13Page - RF Micro Devices RF2917 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
11-140
RF2917
Rev B2 010118
11
Evaluation Board Layout - M and H
Board Size 2.0” x 2.0”
Board Thickness 0.040”, Board Material FR-4, Multi-Layer
(Same board layout is being used for the -M and -H versions.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com