Electronic Components Datasheet Search
  English  ▼

X  

RF2917 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RF2917
Description  433/868/915MHZ FM/FSK RECEIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2917 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RF2917 Datasheet HTML 6Page - RF Micro Devices RF2917 Datasheet HTML 7Page - RF Micro Devices RF2917 Datasheet HTML 8Page - RF Micro Devices RF2917 Datasheet HTML 9Page - RF Micro Devices RF2917 Datasheet HTML 10Page - RF Micro Devices RF2917 Datasheet HTML 11Page - RF Micro Devices RF2917 Datasheet HTML 12Page - RF Micro Devices RF2917 Datasheet HTML 13Page - RF Micro Devices RF2917 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
11-142
RF2917
Rev B2 010118
11
Current versus Temperature
RX Frequency = 915MHz
6.0
7.0
8.0
9.0
10.0
11.0
12.0
-40.0 -30.0 -20.0 -10.0 0.0
10.0 20.0 30.0 40.0 50.0 60.0 70.0 80.0 90.0
Temperature (°C)
Vcc=2.70
Vcc=3.60
Sensitivity versus Temperature
RX Frequency = 915MHz
-120.0
-110.0
-100.0
-90.0
-40.0 -30.0 -20.0 -10.0
0.0
10.0 20.0 30.0 40.0 50.0 60.0 70.0 80.0 90.0
Temperature (°C)
Vcc=2.70
Vcc=3.60
RSSI versus Input Power
RLOAD = 51kΩ
Ω
Ω
Ω,V
CC =3.6V, TA = 25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-130.0 -120.0 -110.0 -100.0 -90.0
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
Input Power (dBm)
FSK Mode
FM Mode
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
LNA Impedance
Swp Max
1GHz
Swp Min
0.3GHz
LNA Input (RX on)
LNA Input (RX off)
LNA Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com