Electronic Components Datasheet Search
  English  ▼

X  

RF2917 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2917
Description  433/868/915MHZ FM/FSK RECEIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2917 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2917 Datasheet HTML 2Page - RF Micro Devices RF2917 Datasheet HTML 3Page - RF Micro Devices RF2917 Datasheet HTML 4Page - RF Micro Devices RF2917 Datasheet HTML 5Page - RF Micro Devices RF2917 Datasheet HTML 6Page - RF Micro Devices RF2917 Datasheet HTML 7Page - RF Micro Devices RF2917 Datasheet HTML 8Page - RF Micro Devices RF2917 Datasheet HTML 9Page - RF Micro Devices RF2917 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
11-134
RF2917
Rev B2 010118
11
Pin
Function
Description
Interface Schematic
29
LOOP FLT
Output of the charge pump, and input to the VCO control. An RC net-
work from this pin to ground is used to establish the PLL bandwidth.
30
OSC B
This pin is connected directly to the reference oscillator transistor base.
The intended reference oscillator configuration is a modified Colpitts. A
100pF capacitor should be connected between pin 30 and pin 31.
31
OSC E
This pin is connected directly to the emitter of the reference oscillator
transistor. A 100pF capacitor should be connected from this pin to
ground.
See pin 30.
32
PD
This pin is used to power up or down the RF2917. A logic high (PWR
DWN >2.0 V) powers up the receiver and PLL. A logic low (PWR DWN
<1.0 V) powers down circuit to standby mode.
ESD
This diode structure is used to provide electrostatic discharge protec-
tion to 3kV using the Human body model. The following pins are pro-
tected: 1, 3, 5, 7- 19, 21- 24, 27-31.
LOOP FLT
V
CC
OSC E
OSC B
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com