Electronic Components Datasheet Search
  English  ▼

X  

RF2917 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2917
Description  433/868/915MHZ FM/FSK RECEIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2917 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2917 Datasheet HTML 3Page - RF Micro Devices RF2917 Datasheet HTML 4Page - RF Micro Devices RF2917 Datasheet HTML 5Page - RF Micro Devices RF2917 Datasheet HTML 6Page - RF Micro Devices RF2917 Datasheet HTML 7Page - RF Micro Devices RF2917 Datasheet HTML 8Page - RF Micro Devices RF2917 Datasheet HTML 9Page - RF Micro Devices RF2917 Datasheet HTML 10Page - RF Micro Devices RF2917 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
11-135
RF2917
Rev B2 010118
11
RF2917 Theory of Operation and Application Information
The RF2917 is part of a family of low-power RF trans-
ceiver IC’s developed for wireless data communication
devices operating in the European 433/868MHz ISM
bands or the U.S. 915 MHz ISM band. This IC has
been implemented in a 15GHz silicon bipolar process
technology that allows low-power transceiver operation
in a variety of commercial wireless products. The
RF2917 realizes a highly integrated, single-conversion
FM/FSK receiver with the addition of a reference crys-
tal, intermediate frequency (IF) filtering, and a few pas-
sive components. The LNA (low noise amplifier) input
of the RF2917 is easily matched to a front-end filter or
antenna by means of a DC blocking capacitor and
reactive components. The receiver local oscillator (LO)
is generated by an internalized VCO, PLL and phase
discriminator in conjunction with the external reference
crystal, loop filter and VCO resonator components.
The receiver IF section is optimized to interface with
low cost 10.7MHz ceramic filters, and its -3dB band-
width of 25MHz also allows it to be used (with lower
gain) at higher frequencies with other types of filters.
FM/FSK SYSTEMS
The receiver output functionality is determined by the
tri-state MUTE input. The three output configurations
are linear FM, FSK and mute. An on-chip 1.6 MHz RC
filter, which follows the demodulator output, filters the
harmonics of the IF signal from the output data.
When in the FM mode, the FM OUT signal is the buff-
ered output from the quadrature demodulator. The out-
put signal has a fixed DC offset of VCC-1.0V, while the
AC level is dependent on the FM deviation, with a max-
imum level of 240 mVP-P. For optimum operation in
either FM or FSK mode, FM deviation needs to exceed
(with margin) the carrier frequency error anticipated
between the receiver and transmitter.
When in the FSK mode, the FM OUT signal is clipped,
having a rail-to-rail output level. The FM OUT pin is
only capable of driving rail-to-rail output into a very
high impedance and small capacitance, with the
amount of capacitance determining the FM OUT band-
width. For a 3pF load, the bandwidth is in excess of
500kHz. The rail-to-rail output is also limited by the fre-
quency deviation and bandwidth of the IF filters. With
the 180kHz bandwidth filters on the evaluation boards,
the rail-to-rail output is limited to less than 140kHz.
Choosing the right IF bandwidth and deviation versus
data rate (modulation index) is important in evaluating
the applicability of the RF2917 for a given data rate.
AM SYSTEMS
The RF2919 is recommended for use in ASK/OOK
applications, however, the RF2917 may be utilized in
an AM system by using the RSSI (received signal
strength indicator) output to recover the modulation.
The FM output mode should be selected for AM opera-
tion because of the higher RSSI resolution in FM
mode.
RSSI
The RSSI output signal is supplied from a current
source and therefore requires a resistor to convert it to
a voltage. The RSSI is linear over the same range of
input power for both FM and FSK modes, but the FM
mode has higher RSSI resolution. For a 51k
Ω resistive
load, the RSSI will range from 1.0V to 2.6V in FM
mode and from 0.8V to 1.5V in FSK mode (3.6V sup-
ply). A small parallel capacitor is suggested to limit the
bandwidth and filter noise.
APPLICATION AND LAYOUT CONSIDERATIONS
The RX IN pin is DC-biased, requiring a DC blocking
capacitor. If the RF filter has DC blocking characteris-
tics,suchasaceramic dielectricfilter, thenaDCblock-
ing capacitor is not necessary. When in power down
mode, the RX IN impedance increases. Therefore, in a
half-duplex application, the RF2917 RX IN may share
the RF filter with a transmitter output having a similar
high impedance power down characteristic. Care must
be taken in this case to account for loading effects of
the transmitter on the receiver, and vice versa, in
matching the filter to both the transmitter and receiver.
TheVCO is averysensitive blockinthissystem. RF
signals feeding back into the VCO by either radiation or
coupling of traces may cause the PLL to become
unlocked. The trace(s) for the anode of the tuning var-
actor should also be kept short. The layout of the reso-
nators and varactor are very important. The capacitor
and varactor should be closest to the RF2917 pins and
the trace length should be as short as possible. The
inductors can be placed further away and any trace
inductance can be compensated by reducing the value
of the inductors. Printed inductors may also be used
with careful design. For best results, the physical layout
should be as symmetrical as possible.
When using loop bandwidths lower than the 5kHz
shown on the evaluation board, better supply filtering
at the resonators (and lower VCC noise as well) will
help reduce the phase noise of the VCO; a series
resistor of 100
Ω to 200Ω and a 1µF or larger capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com