Electronic Components Datasheet Search
  English  ▼

X  

RF2919 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2919
Description  433/868/915MHZ ASK/OOK RECEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2919 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2919 Datasheet HTML 1Page - RF Micro Devices RF2919 Datasheet HTML 2Page - RF Micro Devices RF2919 Datasheet HTML 3Page - RF Micro Devices RF2919 Datasheet HTML 4Page - RF Micro Devices RF2919 Datasheet HTML 5Page - RF Micro Devices RF2919 Datasheet HTML 6Page - RF Micro Devices RF2919 Datasheet HTML 7Page - RF Micro Devices RF2919 Datasheet HTML 8Page - RF Micro Devices RF2919 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
11-145
RF2919
Rev A12 001113
11
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Second IF Section
IF Frequency Range
0.1
10.7
25
MHz
Voltage Gain
60
dB
IF= 10.7MHz, internal to demod
Noise Figure
13
dB
Input IP3
mVPP
IF2 Input Impedance
330
Ω
Data Output Impedance
6.3 - j25.7
k
Ω
Data Output Rise/Fall Time
150
ns
ZLOAD=1MΩ || 3pF
Data Output Level
0.3
VCC-0.3
V
ZLOAD=1MΩ || 3pF
Power Down Control
Logical Controls “ON”
2.0
V
Voltage supplied to the input
Logical Controls “OFF”
1.0
V
Voltage supplied to the input
Control Input Impedance
25
k
Ω
Turn On Time
4
ms
fXTAL=14.318MHz. Dependent on configura-
tion.
Turn Off Time
4
ms
Power Supply
Voltage
3.6
V
Specifications
2.7 to 5.0
V
Operating limits
Current Consumption
8
10
12
mA
RX Mode
1
µA
Power Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com