Electronic Components Datasheet Search
  English  ▼

X  

RF2919 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2919
Description  433/868/915MHZ ASK/OOK RECEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2919 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2919 Datasheet HTML 6Page - RF Micro Devices RF2919 Datasheet HTML 7Page - RF Micro Devices RF2919 Datasheet HTML 8Page - RF Micro Devices RF2919 Datasheet HTML 9Page - RF Micro Devices RF2919 Datasheet HTML 10Page - RF Micro Devices RF2919 Datasheet HTML 11Page - RF Micro Devices RF2919 Datasheet HTML 12Page - RF Micro Devices RF2919 Datasheet HTML 13Page - RF Micro Devices RF2919 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
11-152
RF2919
Rev A12 001113
11
Application Schematic
433MHz
13
16
23
20
8
6
Linear
RSSI
21
4
2
26
25
Prescaler
Β64
Phase
Detector &
Charge Pump
29
31
30
10
9
17
18
12
11
24
32
DC
BIAS
1
3
5
22
47 pF
10 nF
18 nH
***
18 nH
10
Ω
2.2
nF
PD
4.7
µF
10
Ω
47 pF
10
Ω
9.0 pF
6.8
µH
510
Ω
Filter
15 pF
10 nF
10 nF
10 nF
10 nF
10 nF
MUTE
RSSI
47 pF
24 k
Ω
100 pF
100 pF
6.612813 MHz
2.0 pF
7
0
14
10 nF
27 nH
50
Ω µstrip
J1
RF IN
10 nF
39 nH
47 pF
10 nF
22 pF
**
2.2
µH
120 pF
50
Ω µstrip
J2
IF OUT
100
Ω
50 k
Ω
15
10 nF
50 k
Ω
**
**
J3
ASK OUT
19
10 pF
10 nF
10
Ω
9.0
pF
2.7 k
Ω
28
27
47 pF
10 nF
10
Ω
V
CC
V
CC
3.9 k
Ω
22 nF
V
CC
V
CC
Filter
V
CC
V
CC
*** SMV1233-011
** Components not normally populated.
100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com