Electronic Components Datasheet Search
  English  ▼

X  

RF2919 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2919
Description  433/868/915MHZ ASK/OOK RECEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2919 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2919 Datasheet HTML 1Page - RF Micro Devices RF2919 Datasheet HTML 2Page - RF Micro Devices RF2919 Datasheet HTML 3Page - RF Micro Devices RF2919 Datasheet HTML 4Page - RF Micro Devices RF2919 Datasheet HTML 5Page - RF Micro Devices RF2919 Datasheet HTML 6Page - RF Micro Devices RF2919 Datasheet HTML 7Page - RF Micro Devices RF2919 Datasheet HTML 8Page - RF Micro Devices RF2919 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
!
11-143
11
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
13
16
23
20
8
6
Linear
RSSI
21
4
2
25
26
Prescaler
÷64
Phase
Detector &
Charge Pump
29
30
31
10
9
RSSI
17
18
12
11
DATA OUT
MIX OUT
MIX IN
LNA OUT
RX IN
OSC E
OSC B
32
MUTE
DC
BIAS
14
22
24
RF2919
433/868/915MHZ ASK/OOK
RECEIVER
• Wireless Meter Reading
• Keyless Entry Systems
• 433/868/915MHz ISM Bands Systems
• Remote Data Transfers
• Wireless Security Systems
The RF2919 is a monolithic integrated circuit intended for
use as a low cost ASK/OOK receiver. The device is pro-
vided in 32-lead plastic packaging and is designed to pro-
vide a fully functional AM receiver. The chip is intended
for applications in the North American 915MHz ISM band
and European 433MHz and 868MHz ISM bands. The
integrated VCO, +64 prescaler, and reference oscillator
require only the addition of an external crystal to provide
a complete phase-locked oscillator for single channel
applications. A data comparator is included to provide
logic level outputs.
• Fully Monolithic Integrated Receiver
• 2.7V to 5.0V Supply Voltage
• Up to 256kbps Data Rates
• 300MHz to 1000MHz Frequency Range
• Power Down Capability
• Analog or Digital Output
RF2919
433/868/915MHz ASK/OOK Receiver
RF2919 PCBA-L
Fully Assembled Evaluation Board, 433MHz
RF2919 PCBA-M Fully Assembled Evaluation Board, 868MHz
RF2919 PCBA-H Fully Assembled Evaluation Board, 915MHz
11
Rev A12 001113
7°MAX
0°MIN
.005
.057
.053
.020
.030
.020
.284
.268
.284
.268
.201
.193
.201
.193
.011
.007
.006
.002
Package Style: LQFP-32


Similar Part No. - RF2919

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2915 RFMD-RF2915 Datasheet
386Kb / 18P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
433/868/915MHZ FM/FSK RECEIVER
More results

Similar Description - RF2919

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
RF2915 RFMD-RF2915 Datasheet
386Kb / 18P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
433/868/915MHZ FM/FSK RECEIVER
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
logo
List of Unclassifed Man...
TH71112 ETC-TH71112 Datasheet
668Kb / 20P
868/915MHz FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
TH72032 MELEXIS-TH72032 Datasheet
504Kb / 20P
868/915MHz ASK Transmitter
TH71111 MELEXIS-TH71111 Datasheet
405Kb / 22P
868/915MHz FSK/FM/ASK Receiver
TH71112 MELEXIS-TH71112 Datasheet
417Kb / 22P
868/915MHz FSK/FM/ASK Receiver
logo
Micrel Semiconductor
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
ASK/OOK Receiver
logo
Melexis Microelectronic...
TH72032 MELEXIS-TH72032_17 Datasheet
1Mb / 21P
868/915MHz ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com