Electronic Components Datasheet Search
  English  ▼

X  

RF2919 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2919
Description  433/868/915MHZ ASK/OOK RECEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2919 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2919 Datasheet HTML 3Page - RF Micro Devices RF2919 Datasheet HTML 4Page - RF Micro Devices RF2919 Datasheet HTML 5Page - RF Micro Devices RF2919 Datasheet HTML 6Page - RF Micro Devices RF2919 Datasheet HTML 7Page - RF Micro Devices RF2919 Datasheet HTML 8Page - RF Micro Devices RF2919 Datasheet HTML 9Page - RF Micro Devices RF2919 Datasheet HTML 10Page - RF Micro Devices RF2919 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
11-149
RF2919
Rev A12 001113
11
RF2919 Theory of Operation and Application Information
The RF2919 is a part of a family of low-power RF
transceiver IC's that was developed for wireless data
communication devices operating in the European
433MHz/868MHz ISM bands or U.S. 915 MHz ISM
band. This IC has been implemented in a 15GHz sili-
con bipolar process technology that allows low-power
transceiver operation in a variety of commercial wire-
less products. The RF2919 realizes a highly inte-
grated, single-conversion ASK/OOK receiver with the
addition of a reference crystal, intermediate frequency
(IF) filtering, and a few passive components. The LNA
(low-noise amplifier) input of the RF2919 is easily
matched to a front-end filter or antenna by means of a
DC blocking capacitor and reactive components. The
receiver local oscillator (LO) is generated by an inter-
nalized VCO, PLL and phase discriminator in conjunc-
tion with the external reference crystal, loop filter and
VCO resonator components. The receiver IF section is
optimized to interface with low cost 10.7MHz ceramic
filters, and its -3dB bandwidth of 25 MHz also allows it
to be used (with lower gain) at higher frequencies with
other types of filters.
OPERATION
The ASK/OOK demodulation is accomplished by an
on-chip data comparator. The RSSI output is internally
routed through 50k
Ω resistors to provide the inputs
(DATA IN+ and DATA IN-) to the data comparator.
Either input may be used as the data input with the
other input used as the reference. A shunt capacitor
can be added to the data input to provide filtering of
noise and the second IF harmonic. The value of the
data filtering capacitor is calculated by
where F is the desired 3 dB bandwidth. The factor of
16.7k
Ω is the net internal impedance (50kΩ in parallel
with a 25 k
Ω comparator input impedance).
A large filtering capacitor may be used on the refer-
ence input to remove the modulation signal, leaving a
DC reference for the comparator. Because this refer-
ence filter may have a long time constant, a longer pre-
amble may be required to allow the DC reference to
stabilize. The data pattern also affects the stability of
the DC reference and the reliability of the received
data. Since a string of consecutive data 'ones' (or
'zeroes') will result in a change to the DC reference, a
coding scheme such as Manchester should be used to
improve data integrity. Hysteresis can be added by
placing a resistor between the input and the output.
The DATA OUT pin is only capable of driving rail-to-rail
output into a very high impedance and small capaci-
tance, with the amount of capacitance affecting the
DATA OUT bandwidth. For a 3pF load, the bandwidth
is in excess of 500kHz. The rise and fall times of the
RSSI are limited by the bandwidth of the IF filters,
thereby limiting the effective data rate.
The RSSI output signal is supplied from a current
source and therefore requires a resistor to convert it to
a voltage. For a 24k
Ω resistive load, the RSSI will typi-
cally range from 0.4V to 1.5V (3.6V supply). A small
parallel capacitor is suggested to limit the bandwidth
and filter noise.
APPLICATION AND LAYOUT CONSIDERATIONS
The RX IN pin is DC biased, requiring a DC blocking
capacitor. If the RF filter has DC blocking characteris-
tics, such as a ceramic dielectric filter, then a DC block-
ing capacitor is not necessary. When in power down
mode, the RX IN impedance increases. Therefore in a
half-duplex application, the RF2919 RX IN may share
the RF filter with a transmitter output having a similar
high impedance power down characteristic. Care must
be taken in this case to account for loading effects of
the transmitter on the receiver and vice versa in match-
ing the filter to both the transmitter and receiver.
The VCO is a very sensitive block in this system. RF
signals feeding back into the VCO by either radiation or
coupling of traces may cause the PLL to become
unlocked. The trace(s) for the anode of the tuning var-
actor should also be kept short. The layout of the reso-
nators and varactor are very important. The capacitor
and varactor should be closest to the RF2919 pins and
the trace length should be as short as possible. The
inductors can be placed further away and any trace
inductance can be compensated by reducing the value
of the inductors. Printed inductors may also be used
with careful design. For best results, the physical layout
should be as symmetrical as possible.
When using loop bandwidths lower than the 5kHz
shown on the evaluation board, better supply filtering
at the resonators (and lower VCC noise as well) will
help reduce phase noise of the VCO; a series resistor
of 100
Ω to 200Ω and a 1µF or larger capacitor can be
used. Phase noise is generally more critical in narrow-
band applications where adjacent channel selectivity is
1
2
πF 16.7kΩ
⋅
---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com