Electronic Components Datasheet Search
  English  ▼

X  

RF9958 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF9958
Description  CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9958 Datasheet(HTML) 2 Page - RF Micro Devices

  RF9958 Datasheet HTML 1Page - RF Micro Devices RF9958 Datasheet HTML 2Page - RF Micro Devices RF9958 Datasheet HTML 3Page - RF Micro Devices RF9958 Datasheet HTML 4Page - RF Micro Devices RF9958 Datasheet HTML 5Page - RF Micro Devices RF9958 Datasheet HTML 6Page - RF Micro Devices RF9958 Datasheet HTML 7Page - RF Micro Devices RF9958 Datasheet HTML 8Page - RF Micro Devices RF9958 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
5-94
RF9958
Rev B11 010720
5
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5
VDC
Power Down Voltage (VPD)
-0.5toVCC+0.7
V
I and Q Levels, per pin
1
VPP
LO1 Level, balanced
+3
dBm
LO2 Level, balanced
+6
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
I/Q Modulator & AGC
T=25 °C, VCC=3.0V, ZLOAD=50Ω,
LO1 = -8dBm @260 MHz,
LO2= -3dBm @ 960MHz,
I SIG= Q SIG= 300mVPP,
RF Output externally matched
I/Q Input Frequency Range
0 to 20
MHz
Balanced
I/Q Input Impedance
50
80
110
k
Ω
Balanced
I/Q Input Reference Level
0.6
VDC
Per Pin
LO1/FM Frequency Range
100 to 360
MHz
LO1/FM Input Level
-15
-8
-5
dBm
LO1/FM Input Impedance
170
200
230
Ω
Balanced
Sideband Suppression
35
40
dBc
I/Q Amplitude adjusted to within
±20mV
30
dBc
Unadjusted
Carrier Suppression
40
50
dBc
I/Q DC Offset adjusted to within
±20mV
30
dBc
Unadjusted
Max Output, FM Mode
+2.5
+4
dBm
VGC=2.5 VDC,T=-20°C to +85°C
Max Output, CDMA Mode
-3
0
dBm
VGC=2.5 VDC,T=-20°C to +85°C,
IS-95A CDMA Modulation
-2
0
dBm
ISIG= QSIQ= 300mVpp@ 100kHz
Min Output, CDMA Mode
-95
-89
dBm
VGC=0.5 VDC,T=-20°C to +85°C,
IS-95A CDMA Modulation
Output Power Accuracy
-3
+3
dB
T=-20 to +85 °C, Ref=25 °C
-2
+2
dB
1.4V
≤GC≤ 2.5
Adjacent Channel Power Rejec-
tion @ 885kHz
-55
dBc
IS-95A CDMA Modulation
POUT =-5dBm
Adjacent Channel Power Rejec-
tion @ 1.98MHz
-67
dBc
IS-95A CDMA Modulation
POUT =-5dBm
Output Noise Power
-116
-111
dBm/Hz
POUT =-3 dBm,T=-20°C to +85°C
-137
-132
dBm/Hz
POUT = -23 dBm, T=-20°C to +85°C
-164
-159
dBm/Hz
POUT < -70 dBm, T=-20°C to +85°C
Output Impedance
170
200
230
Ω
Balanced
Power Dissipation
150
mW
T = -20°C to +85°C
UHF Upconverter
Output externally matched
Conversion Gain
-1
0.5
dB
Noise Figure (SSB)
15
dB
Output IP3
+14
dBm
IF Input Impedance
170
200
230
Ω
Balanced
IF Input Frequency Range
50 to 180
MHz
LO2 Input Impedance
50
Ω
Single Ended
LO2 Input Level
-6
-3
0
dBm
LO2 Input Frequency Range
700 to 1100
MHz
RF to LO2 Isolation
20
dB
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com