Electronic Components Datasheet Search
  English  ▼

X  

RF9958 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF9958
Description  CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9958 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF9958 Datasheet HTML 4Page - RF Micro Devices RF9958 Datasheet HTML 5Page - RF Micro Devices RF9958 Datasheet HTML 6Page - RF Micro Devices RF9958 Datasheet HTML 7Page - RF Micro Devices RF9958 Datasheet HTML 8Page - RF Micro Devices RF9958 Datasheet HTML 9Page - RF Micro Devices RF9958 Datasheet HTML 10Page - RF Micro Devices RF9958 Datasheet HTML 11Page - RF Micro Devices RF9958 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
5-100
RF9958
Rev B11 010720
5
Application Schematic
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
MODE
Q SIG
Q REF
I REF
I SIG
GND1
VCC1
LO1+
LO1-
BG OUT
VCC3
GND1
PD1
VCC4
VCC2
GC
DEC
MOD OUT+
MOD OUT-
GND2
MIX IN+
MIX IN-
LO2-
LO2+
DEC
RF OUT
GND2
PD2
Q Signal
I Signal
Reference
10 nF
Mode Select
Gain Control
1nF
37 k
Ω
10 nF
V
CC
IF Filter,
DC Blocked
1000 pF
1nF
Power Down 2
100 pF
100 pF
LO2 In
L1
C1
RF Out
V
CC
1nF
10 nF
1nF
Power Down 1
V
CC
1nF
10 nF
100 pF
LO1/FM In
10 nF
V
CC
18 pF
82 nH
18 pF
82 nH
10 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com