Electronic Components Datasheet Search
  English  ▼

X  

RF9958 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF9958
Description  CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9958 Datasheet(HTML) 1 Page - RF Micro Devices

  RF9958 Datasheet HTML 1Page - RF Micro Devices RF9958 Datasheet HTML 2Page - RF Micro Devices RF9958 Datasheet HTML 3Page - RF Micro Devices RF9958 Datasheet HTML 4Page - RF Micro Devices RF9958 Datasheet HTML 5Page - RF Micro Devices RF9958 Datasheet HTML 6Page - RF Micro Devices RF9958 Datasheet HTML 7Page - RF Micro Devices RF9958 Datasheet HTML 8Page - RF Micro Devices RF9958 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ü
5-93
5
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
Gain
Control
Band Gap
Reference
1
MOD OUT+
10
Q SIG
Q REF
I REF
I SIG
LO1-
LO1+
13
17
Quad.
÷2
27
Σ
MOD OUT-
MIX IN-
MIX IN+
24
25
20
19
22
21
15
8
9
2
3
5
4
RF9958
CDMA/FM TRANSMIT MODULATOR, IF AGC,
AND UPCONVERTER
• CDMA/FM Cellular Systems
• CDMA PCS Systems
• Wireless Local Loop Systems
• Spread Spectrum Cordless Phones
• High Speed Data Modems
• General Purpose Digital Transmitters
The RF9958 is an integrated complete Quadrature Modu-
lator, IF AGC amplifier, and Upconverter designed for the
transmit section of dual-mode CDMA/FM cellular and
PCS applications. It is designed to modulate baseband I
and Q signals, amplify the resulting IF signals while pro-
viding 95dB of gain control range, and perform the final
upconversion to UHF. Noise Figure, IP3, and other specifi-
cations are designed to be compatible with the IS-98
Interim Standard for CDMA cellular communications. This
circuit is designed as part of RFMD’s newest CDMA Chip
Set, which also includes the RF9957 CDMA/FM Receive
IF AGC and Demodulator. The IC is manufactured on an
advanced 15GHz FT Silicon Bipolar process, and is sup-
plied in a 28-lead plastic SSOP package.
• Supports Dual Mode Operation
• Digitally Controlled Power Down Modes
• 2.7V to 3.3V Operation
• Digital First LO Quadrature Divider
• Double-Balanced UHF Upconvert Mixer
• IF AGC Ampwith95dBGainControl
RF9958
CDMA/FM Transmit Modulator, IF AGC, and Upcon-
verter
RF9958 PCBA
Fully Assembled Evaluation Board
5
Rev B11 010720
6.20
5.79
3.99
3.81
10.01
9.80
7°
8°
0°
1.27
0.38
0.25
0.10
1.73
1.47
0.635
TYP
0.36
0.23
TYP
0.25
0.10
PIN 1
INDENT
NOTES:
1. Shaded lead is Pin1.
2. Lead frame material: Copper 194
3. Mold flash shall not exceed 0.006 (0.15 mm) per end.
4. Interlead flash shall not exceed 0.010 (0.25 mm) per side.
5. All dimensions are excluding mold flash and protrusions.
Package Style: QSOP-28


Similar Part No. - RF9958

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF9957 RFMD-RF9957 Datasheet
169Kb / 10P
CDMA/FM RECEIVE AGC AND DEMODULATOR
RF9957PCBA RFMD-RF9957PCBA Datasheet
169Kb / 10P
CDMA/FM RECEIVE AGC AND DEMODULATOR
More results

Similar Description - RF9958

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2608 RFMD-RF2608 Datasheet
46Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF2609 RFMD-RF2609 Datasheet
94Kb / 8P
CDMA/FM TRANSMIT AGC AMPLIFIER
RF2619 RFMD-RF2619 Datasheet
114Kb / 8P
3V CDMA/FM TRANSMIT AGC AMPLIFIER
RF2628 RFMD-RF2628 Datasheet
60Kb / 6P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF2629 RFMD-RF2629 Datasheet
103Kb / 6P
3V CDMA/FM TRANSMIT AGC AMPLIFIER
RF2658 RFMD-RF2658 Datasheet
114Kb / 10P
TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
RF2668 RFMD-RF2668 Datasheet
430Kb / 16P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
W-CDMA TRANSMIT MODULATOR AND IF AGC
RF9908 RFMD-RF9908 Datasheet
50Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
logo
ams AG
AS3801 AMSCO-AS3801 Datasheet
75Kb / 7P
CDMA/FM TRANSMIT AGC AMPLIFIER AS3801
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com