Electronic Components Datasheet Search
  English  ▼

X  

RF9958 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF9958
Description  CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9958 Datasheet(HTML) 5 Page - RF Micro Devices

  RF9958 Datasheet HTML 1Page - RF Micro Devices RF9958 Datasheet HTML 2Page - RF Micro Devices RF9958 Datasheet HTML 3Page - RF Micro Devices RF9958 Datasheet HTML 4Page - RF Micro Devices RF9958 Datasheet HTML 5Page - RF Micro Devices RF9958 Datasheet HTML 6Page - RF Micro Devices RF9958 Datasheet HTML 7Page - RF Micro Devices RF9958 Datasheet HTML 8Page - RF Micro Devices RF9958 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5-97
RF9958
Rev B11 010720
5
Pin
Function
Description
Interface Schematic
10
BG OUT
Bandgap voltage reference. This voltage, constant over temperature
and supply variation, is used to bias internal circuits. A 1nF external
bypass capacitor is required.
11
VCC3
Supply voltage for the AGC and the Bandgap circuitry. A 1nF external
bypass capacitor is required and an additional 0.1
µF will be required if
no other low frequency bypass capacitors are nearby. The trace length
between the pin and the bypass capacitors should be minimized. The
ground side of the bypass capacitors should connect immediately to
ground plane.
12
GND1
Same as pin 6.
13
PD1
Power down control for overall circuit. When logic “high” (
≥V
CC -0.7 V),
all circuits are operating; when logic “low” (
≤0.5V), all circuits are
turned off. The input impedance of this pin is >10k
Ω.A DC voltageless
than or equal to the maximum allowable Vcc may be applied to this pin
when no voltage is applied to the Vcc pins.
14
VCC4
Supply for the mixer stage only. The supply for the mixer is separated to
maximize IF to RF isolations and reduce the carrier leakage. A 100pF
external bypass capacitor is required and an additional 0.1
µF will be
required if no other low frequency bypass capacitors are nearby. The
trace length between the pin and the bypass capacitors should be min-
imized. The ground side of the bypass capacitors should connect
immediately to ground plane.
15
PD2
Power down control for mixer only. When connected to pin 10 (BG
OUT) the mixer circuits are operating; when connected to ground
(
≤0.5V), the mixer is turned off but all other circuits are operating. A DC
voltage less than or equal to the maximum allowable Vcc may be
applied to this pin when no voltage is applied to the Vcc pins.
16
GND2
Ground connection for the mixer stage. Keep traces physically short
and connect immediately to ground plane for best performance.
17
RF OUT
RF output pin. An external shunt inductor to VCC plus a series blocking/
matching capacitor are required for 50
Ω output.
18
DEC
Current Mirror decoupling pin. A 1000pF external capacitor is required
to bypass this pin. The ground side of the bypass capacitors should
connect immediately to ground plane.
19
LO2+
One half of the balanced mixer LO2 input. In single-ended applications,
the other half of the input, LO2- is AC grounded. This is a 50
Ω imped-
ance port. This pin is NOT internally DC blocked. An external blocking
capacitor (100pF recommended) must be provided if the pin is con-
nected to a device with DC present.
20
LO2-
One half of the balance mixer LO2 input. In single ended applications,
this pin is AC grounded with a 100pF capacitor.
See pin 19.
21
MIX IN-
One half of the 200
Ω balanced impedance input to the mixer stage.
This pin is NOT internally DC blocked. An external blocking capacitor
(2200pF recommended) must be provided if the pin is connected to a
device with DC present. If no IF filter is needed this pin may be con-
nected to MOD OUT+ through a DC blocking capacitor. An appropriate
matching network may be needed if an IF filter is used.
10 k
Ω
PD1
1k
Ω
PD2
450
Ω
300
Ω
V
CC4
RF OUT
40
Ω
BIAS
40
Ω
BIAS
LO2+
LO2-
100
Ω
BIAS
100
Ω
BIAS
MIX IN-
MIX IN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com