Electronic Components Datasheet Search
  English  ▼

X  

BA6780 Datasheet(PDF) 14 Page - Rohm

Part # BA6780
Description  2-channel driver for CD changers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6780 Datasheet(HTML) 14 Page - Rohm

Back Button BA6780 Datasheet HTML 6Page - Rohm BA6780 Datasheet HTML 7Page - Rohm BA6780 Datasheet HTML 8Page - Rohm BA6780 Datasheet HTML 9Page - Rohm BA6780 Datasheet HTML 10Page - Rohm BA6780 Datasheet HTML 11Page - Rohm BA6780 Datasheet HTML 12Page - Rohm BA6780 Datasheet HTML 13Page - Rohm BA6780 Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
BA6780 / BA6780FP-Y
Optical disc ICs
−200
LOAD CURRENT : IL
(mA)
Fig.8 Load current detector output
characteristics
0
1
2
3
4
5
5.2V / A
VCC=
−10V
RO=0.6
Ω
Rdet=30k
Ω
VIO
−400
−600
−800
−1000
200
400
600
800 1000
−5.2V / A
V
4
VCC
VCC+5
VCC
30k
1516
0
0
SUPPLY VOLTAGE : VCC
(V)
Fig.9 Internal Vref output characteristics
10
2
5
4
6
8
10
12
14
IL=0mA
VCC
VEE
Vref
V
15
0
0
SUPPLY VOLTAGE : VCC
(V)
Fig.10 4.6V constant-voltage source output
voltage characteristics
10
1
516
2
3
4
5
6
7
IL=0mA
External dimensions (Units : mm)
DIP18
BA6780
BA6780FP-Y
HSOP25
18
10
9
1
22.9 ± 0.3
0.5 ± 0.1
0.3 ± 0.1
2.54
0 ~ 15
7.62
2.75 ± 0.1
1.95 ± 0.1
25
14
1
13
0.36 ± 0.1
0.3Min.
13.6 ± 0.2
0.8
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com