Electronic Components Datasheet Search
  English  ▼

X  

BA6780 Datasheet(PDF) 9 Page - Rohm

Part # BA6780
Description  2-channel driver for CD changers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6780 Datasheet(HTML) 9 Page - Rohm

Back Button BA6780 Datasheet HTML 5Page - Rohm BA6780 Datasheet HTML 6Page - Rohm BA6780 Datasheet HTML 7Page - Rohm BA6780 Datasheet HTML 8Page - Rohm BA6780 Datasheet HTML 9Page - Rohm BA6780 Datasheet HTML 10Page - Rohm BA6780 Datasheet HTML 11Page - Rohm BA6780 Datasheet HTML 12Page - Rohm BA6780 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
BA6780 / BA6780FP-Y
Optical disc ICs
Measurement circuit switch table
BA6780 / BA6780FP-Y
1
1
1
1
2
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
IQ
VO1
VO1
VO1
VO2
II1
II2
VO1
VO2
VO2
VO2
VO2
VO2
VO2
VO2
IF1
IF2
IR1
IR2
VO2
VCC
−VO1
VO
1
VO
1
1
1
1
1
2
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
3
3
3
3
3
3
3
3
3
3
1
1
1
1
2
3
3
3
3
3
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
2
1
1
2
1
1
1
2
1
2
2
1
1
2
2
2
2
2
1
1
1
1
1
1
0
2
2
1
0
2
2
0
0
0
0
0
0
0
0
2.5
2.5
2.5
2.5
2.5
0
0
0
1
0
2
2
0
0
4
2.5
2.5
2.5
2.5
0
0
0
0
0
0
0
0
0
0
0
2
2
5
5
0
0
0
0
0
0
5
0
5
0
5
5
0
5
5
5
0
2
2
5
5
0
0
0
0
0
0
0
05
5
0
0
5
0
05
0
0
0
0
0
2
2
5
5
0
5
5
0
5
0
0
0
0
0
0
0
0
5
0
2
2
5
5
5
0
0
5
5
0
5
0
5
0
0
0
0
0
−
−
−
−
−
−
−
−
−
−
−
−
−
−
3
−
−
−
−
−
−
SW
Input
SW1 SW2 SW3 SW4 SW5 Vr1
Vr2
F1
R1
F2
R2
VIN
Conditions
IL1
−
−
−
−
−
−
−
−
−
1
1
1
1
2
0
00
05
5
−−
−
−
−
−
−
−
−
−
−
−
−
Quiescent current
Mute on voltage
Mute off voltage
Vref input voltage
range
Vref pin current
PWM input
high level voltage
PWM input
low level voltage
PWM input
high level current
PWM input
low level current
<Electronic governor>
Output offset voltage
Max. pin-to-pin
output voltage
Pin-to-pin output voltage 1-1
Pin-to-pin output voltage 1-2
Pin-to-pin output voltage 1-3
Pin-to-pin output voltage 1-4
Voltage gain of positive
feedback amplifier
<Reversible driver>
Pin-to-pin output voltage 2-1
Pin-to-pin output voltage 2-2
Pin-to-pin output voltage 2-4
Output load
fluctuation
Pin-to-pin output voltage 2-3
Parameter
Output saturation
voltage
1112
1
5
0
0
0
−
4
5
6
VCC swept down
from 10V
∗1 Check for
abnormality in
output in Vr1 and
Vr2 input range
VCC swept up
from 0V
−
−
∗2 SweeptheF/Rinput,
and check that the mode
switching is occurring in
a range that satisfies
the rated values
−
−
∗3 −20dBV,
1kHz
∗4 100mA (take care
with polarity)
∗5 100mA
(take care
with polarity)
∗6 Difference in
output voltage
for I=400mA
and I=100mA
Measure
ment
∗∗
∗∗
∗∗
∗∗
∗
∗
∗
∗
∗∗
Output load fluctuation
(source)
Output load fluctuation
(sink)
Output voltage
<4.6V constant-voltage output>
1
1
1
Vreg
Vreg
Vreg
1
1
1
3
3
3
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
−
−
−
−
−
−
Source Ireg=1mA
−
Sink Ireg=1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com