Electronic Components Datasheet Search
  English  ▼

X  

BA6780 Datasheet(PDF) 3 Page - Rohm

Part # BA6780
Description  2-channel driver for CD changers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6780 Datasheet(HTML) 3 Page - Rohm

  BA6780 Datasheet HTML 1Page - Rohm BA6780 Datasheet HTML 2Page - Rohm BA6780 Datasheet HTML 3Page - Rohm BA6780 Datasheet HTML 4Page - Rohm BA6780 Datasheet HTML 5Page - Rohm BA6780 Datasheet HTML 6Page - Rohm BA6780 Datasheet HTML 7Page - Rohm BA6780 Datasheet HTML 8Page - Rohm BA6780 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BA6780 / BA6780FP-Y
Optical disc ICs
BA6780FP-Y
VIN
REVERSIBLE DRIVER
FWD/REV CONTROLLER
IOUT
Vref
VCC
VEE
VCC
Vconst
17.1k
20k
40k
40k
DRIVE BUFFER
Vref
3.2k
10k
10k
Vref
10k
Vref
Vref
Vref
10k
10k
10k
10k
10k
10k
VEE
VEE
VEE
10k
10k
DRIVE BUFFER
VIN
GOVERNOR DRIVER
FWD/REV CONTROLLER
VEE
VEE
THERMAL
SHUT DOWN
1/2
VIN2
FIN2
RIN2
C
τ2
FBIN
−
VEE
FBIN
+
OUT2
+
OUT2
−
OUT1
−
OUT1
+
VCC
Vreg
Vref
Iout
RIN1
FIN1
VIN1
25
23
24
22
21
20
19
17
16
15
14
18
1
3
2
4
5
6
8
7
10
11
12
13
9
Pin No.
Pin name
I/O
Function
1
N.C.
−
Input pin for setting high output voltage for the reversible driver
2VIN1
I
Input pin for forward control signal for the reversible driver
3
N.C
Input pin for reverse control signal for the reversible driver
4
FIN1
I
Governor load current detector output (open collector
)
5
RIN1
I
Internal reference voltage pin
6
Iout
O
4.6V constant voltage output
−
7
Vref
O
Power supply (
+)
8
Vreg
Reversible driver output (
+)
9VCC
I
Reversible driver output (
−)
10
N.C.
−
Governor output (
−)
11
OUT1
+
O
Governor output (
+)
O
12
N.C.
−
Governor load current detector amplifier input (
+)
13
OUT1
−
Governor load current detector amplifier input (
−)
14
OUT2
−
O
Power supply (
−) (connection within substrate)
15
N.C.
−
For connection of capacitor for the governor PWM filter
16
OUT2
+
O
Governor reverse control signal input
O
17
FB IN
+
I
Governor forward control signal input
18
FB IN
−
Input pin for setting high output voltage for the governor
∗1 Refer to operating notes.
I
19
VEE
I
20
C
τ 2
21
R IN 2
I
22
F IN 2
I
23
N.C.
−
I
24
VIN2I
25
N.C.
−
∗1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com