Electronic Components Datasheet Search
  English  ▼

X  

BA6780 Datasheet(PDF) 1 Page - Rohm

Part # BA6780
Description  2-channel driver for CD changers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6780 Datasheet(HTML) 1 Page - Rohm

  BA6780 Datasheet HTML 1Page - Rohm BA6780 Datasheet HTML 2Page - Rohm BA6780 Datasheet HTML 3Page - Rohm BA6780 Datasheet HTML 4Page - Rohm BA6780 Datasheet HTML 5Page - Rohm BA6780 Datasheet HTML 6Page - Rohm BA6780 Datasheet HTML 7Page - Rohm BA6780 Datasheet HTML 8Page - Rohm BA6780 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
BA6780 / BA6780FP-Y
Optical disc ICs
2-channel driver for CD changers
BA6780 / BA6780FP-Y
The BA6780 and BA6780FP-Y are 2-channel driver IC for CD changers that inculdes a reversible, variable speed
electronic governor and a reversible driver. On sets that have dual-rail power supplies, the BA6780 and BA6780FP-Y can
be operated from just the negative supply to reduce influence on the positive power supply.
The input uses PWM control, and it is possible to directly input from a microprocessor running off the positive power
supply.
Applications
Changers for CD players and MD players.
Features
1) Output voltage can be freely set using the output voltage setting pin.
2) Internal mute function if the power supply voltage drops.
3) Thermal shutdown function. (Contains hysteresis)
4) PWM input.
5) Settable reference voltage output pin.
6) Wide operating supply voltage.
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
18
V
Logic input voltage
BA6780
BA6780FP-Y
VFIN, VRIN
22
V
Power dissipation
Pd
W
Maximum current consumption
Imax
1.4
A
Operating temperature
Topr
−25∼+75
˚C
Storage temperature
Tstg
−55∼+150
˚C
∗1 When a DIP18 package is used.Reduced by 10.48mW for each increase inTa of 1˚C over 25˚C.
∗3 Should not exceed Pd or ASO values.
∗2 When mounted on a PCB board (70mm
×70mm, t=1.6mm glass epoxy board).
Reduced by 11.6mW for each increase in Ta of 1˚C over 25˚C.
1.31 ∗1
1.45 ∗2
∗3
Recommended operating conditions (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
7
∼16
V
Input voltage for Vin
VIN
0
∼VCC / 2−1.0
V


Similar Part No. - BA6780

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA672 ETC1-BA672 Datasheet
375Kb / 3P
Motor speed and phase control
logo
Vishay Siliconix
BA679 VISHAY-BA679 Datasheet
50Kb / 4P
Silicon PIN Diodes
01-Apr-99
BA679 VISHAY-BA679 Datasheet
138Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD80
12-Sep-06
BA679 VISHAY-BA679 Datasheet
83Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA679 VISHAY-BA679 Datasheet
81Kb / 4P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
More results

Similar Description - BA6780

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8735NSB PANASONIC-AN8735NSB Datasheet
51Kb / 5P
2-channel linear driver IC for CD/CD-ROM player
logo
Rohm
BA5912AFP-Y ROHM-BA5912AFP-Y Datasheet
127Kb / 8P
2-channel BTL driver for CD players
BA6295AFP ROHM-BA6295AFP Datasheet
75Kb / 5P
2-channel BTL driver for CD players
BA6792FP ROHM-BA6792FP Datasheet
123Kb / 7P
2-channel BTL driver for CD players
logo
Sanyo Semicon Device
LA6530M SANYO-LA6530M Datasheet
81Kb / 4P
2-channel Bridge Driver for CD and CD-ROMs
LA6537 SANYO-LA6537 Datasheet
93Kb / 4P
4-channel Bridge Driver for CD and CD-ROMs
logo
Rohm
BA5814FM ROHM-BA5814FM Datasheet
403Kb / 3P
5 channel BTL Driver for CD
BD7962FM ROHM-BD7962FM Datasheet
355Kb / 7P
Power Driver IC for CD changers
BA5811FM ROHM-BA5811FM Datasheet
294Kb / 2P
5 Channel Driver for CD/CD-ROM
logo
Aimtron Technology
AT5683 AIMTRON-AT5683 Datasheet
227Kb / 6P
4-channel BTL Motor Driver for CD/CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com