Electronic Components Datasheet Search
  English  ▼

X  

SA2532K Datasheet(PDF) 13 Page - Sames

Part # SA2532K
Description  SINGLE CHIP TELEPHONE DEMO BOARD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532K Datasheet(HTML) 13 Page - Sames

Back Button SA2532K Datasheet HTML 9Page - Sames SA2532K Datasheet HTML 10Page - Sames SA2532K Datasheet HTML 11Page - Sames SA2532K Datasheet HTML 12Page - Sames SA2532K Datasheet HTML 13Page - Sames SA2532K Datasheet HTML 14Page - Sames SA2532K Datasheet HTML 15Page - Sames SA2532K Datasheet HTML 16Page - Sames SA2532K Datasheet HTML 17Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AN1500A
sames
sames
sames
sames
13/27
14.1 Frequency response shaping: Transmit
Fig. 6: Tx signal path
Transmit frequency response shaping is performed by 3 resistors for gain setting and 3..4 capacitors for frequency
shaping:
14.1.1 Microphone gain setting
The electret handset microphone is supplied from the constant voltage at LI (#27), filtered by R20 and
C14 (see fig 6). R21 and R23 are the bias resistors of the electret microphone. Transmit gain is set by both
selecting the proper microphone type (sensitivity) and by varying R21 & R23. Reasonable values for these resistors
are in the range of 1...2.5k
Ω (each), which results in a gain adjustment range in the order of 6..8dB.
14.1.2 Tx frequency shaping:
Transmit frequency shaping can be done by C11,C13 (high pass) and C12( low pass). R22 can be installed to
attenuate the microphone signal without affecting the frequeny response curve,
M1(#23) and M2 (#24)are differential inputs of the microphone amplifier. Please note the proper connection of the
M1 and M2 inputs in respect to the positive and negative side of the microphone.
To find the correct values, a SLR (sending loudness ratings) measurement with the specific handset used in the
customer’s application must be made.
14 Further Adjustments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com