Electronic Components Datasheet Search
  English  ▼

X  

SA2532K Datasheet(PDF) 22 Page - Sames

Part # SA2532K
Description  SINGLE CHIP TELEPHONE DEMO BOARD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532K Datasheet(HTML) 22 Page - Sames

Back Button SA2532K Datasheet HTML 18Page - Sames SA2532K Datasheet HTML 19Page - Sames SA2532K Datasheet HTML 20Page - Sames SA2532K Datasheet HTML 21Page - Sames SA2532K Datasheet HTML 22Page - Sames SA2532K Datasheet HTML 23Page - Sames SA2532K Datasheet HTML 24Page - Sames SA2532K Datasheet HTML 25Page - Sames SA2532K Datasheet HTML 26Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
AN1500A
sames
sames
sames
sames
22/27
As a common rule, VSS ground planes should be as large as possible. “Bottlenecks” and long distances in the
ground path should be avoided.
Additionally, long distances between LI (#27) and the Emitter of the shunt transistor (Q3) should be avoided.
Therefore, Q3 should be placed near the IC pins :
collector = pin #26 =Vss,
base
= pin #25 = CS,
emitter
= pin #27 = LI.
21.3 EMC blocking parts:
Connections for blocking components, preferably ceramic capacitors (far less cost than coils) should be already
considered in the layout design. These capacitors should be connected as close to the IC (or line/handset
connector) pins as possible with a low-ohmic connection to VSS . SMD caps have best performance for EMC
blocking because of short leads and they can be placed directly underneath the IC at the solder junction.
If the use of SMD components is not possible, leaded ceramic capacitors can be connected at top PCB side as
shown in the demo board’s layout. Refer to EC1..EC7 on both schematic and layout.
The actual number of required EMC blocking components in the customer’s design cannot be predicted, since
EMC performance is influenced by many other factors, like telephone assembly, wire lengths etc.
21.4 Blocking of AGND:
For SA2532K EMC designs, it is very effective to block the AGND-pin (#5) with an inductor of
≈150nH or
higher. This small inductance can be installed without extra cost by a printed coil with
≈8..10mm diameter and
≥5 turns (see PCB layout).
How to calculate the inductance of a printed spiral coil:
where:
n = number of turns
do = outer diameter in cm
di = inner diameter in cm
Example:
The printed coil used in the DB1500I layout has the following dimensions
(see Fig.12):
do= 8.2 mm
di = 2.6 mm
Fig. 10:printed coil on DB1500I
n = 5.5
PCB for EMC protection
Note: Instead of a printed coil, a helical air-coil (7mm diameter, 7..9mm length, 5..7 turns) made by a piece of
copper wire may also be used.
[]
()
L
nd
d
dd
dd
nH
oi
oi
oi
≈
•+
+
−
+
10 75
12 72
2
.
.
[]
()
LnH
nH ≈
•+
+
−
+


=
10 75 5 5 0 82 0 26
12 72
082 0 26
082 0 26
146
2
..
.
.
.
..
..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com