Electronic Components Datasheet Search
  English  ▼

X  

SA2532K Datasheet(PDF) 6 Page - Sames

Part # SA2532K
Description  SINGLE CHIP TELEPHONE DEMO BOARD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532K Datasheet(HTML) 6 Page - Sames

Back Button SA2532K Datasheet HTML 2Page - Sames SA2532K Datasheet HTML 3Page - Sames SA2532K Datasheet HTML 4Page - Sames SA2532K Datasheet HTML 5Page - Sames SA2532K Datasheet HTML 6Page - Sames SA2532K Datasheet HTML 7Page - Sames SA2532K Datasheet HTML 8Page - Sames SA2532K Datasheet HTML 9Page - Sames SA2532K Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
AN1500A
sames
sames
sames
sames
6/27
7.1 Setting a/b line connection
J1 allows selection of a/b line terminals to
easily adapt the demo board to various
PTT line connections:
7.2 Connecting a handset
A handset connected at Z2 should have the following
connections:
remark: observe polarity of the electret microphone
7.3 Setting dialing mode
By J2, a selection of 3 different dialing modes can be
made, 2 pulse (=LD) dialing modes and a DTMF
dialing mode.
If LD Mode is selected then it is possible to switch
into MF mode by pressing the ! key but the mode
will return to LD after a hookswitch operation or after
a Recall (flash). In LD mode pulsing is at 10 pulses
per second.
7.4 Setting line loss compensation (AGC)
Line loss compensation = line current dependent
gain setting of Tx and Rx amplifiers can be set by
jumper setting to 3 different modes : high, low and
no LLC (=default).
7.5 AC impedance
The Characteristic or output impedance of the SA2532K is set internally to 600
Ω. No further components are
required. For a complex impedance refer to pt 11.
inner two pins (default)
outer two pins (optional)
LD Mode
make/break
ratio 1:2
LD Mode
make/break
ratio 2:3
MF Mode
LLC 45 to 75mA
LLC 20 to 50mA
no LLC
Handset
J2
J2
J2
J3
J3
J3
J1
J1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com