Electronic Components Datasheet Search
  English  ▼

X  

SA2532K Datasheet(PDF) 25 Page - Sames

Part # SA2532K
Description  SINGLE CHIP TELEPHONE DEMO BOARD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532K Datasheet(HTML) 25 Page - Sames

Back Button SA2532K Datasheet HTML 19Page - Sames SA2532K Datasheet HTML 20Page - Sames SA2532K Datasheet HTML 21Page - Sames SA2532K Datasheet HTML 22Page - Sames SA2532K Datasheet HTML 23Page - Sames SA2532K Datasheet HTML 24Page - Sames SA2532K Datasheet HTML 25Page - Sames SA2532K Datasheet HTML 26Page - Sames SA2532K Datasheet HTML 27Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
AN1500A
25/27
sames
sames
sames
sames
24 Part list
Designator
Part Type
Description
C1
680n/250v
Ringer Capacitor
C2
10n
Anti aliasing filter, ring frequency detector
C3
not fitted (hookswitch filter)
C4
not fitted (sidetone network)
C5
1u
DC-AC separation, RX amplifier
C6
10u/35v
DC-AC separation, RX amplifier
C7
not fitted
C8
10u/30V
Filter and buffer for ringer supply
C9
470u/16v
Vdd supply capacitor
C10
Oscillator fine tuning
C11
10n
TX response shaping, DC-AC separation
C12
TX response shaping (low pass) (not fitted)
C13
10n
TX response shaping, DC-AC separation
C14
100u/25v
Electret handset microphone supply filter
C15
10n
RX Response shaping (not fitted)
C16
100u/25v
Analogue ground filter
C17
10u
DC-AC separation RX Output
CBF1
.../250V
Metering pulses blocking filter (not fitted)
CBF2
..../10V
Metering pulses blocking filter (not fitted)
D1
12V
Gate voltage protection for MOSFET transistor (not fitted)
D2
12V
Ringer voltage clamping, FCI input protection
D3
not fitted
D4
24V
Ringer voltage limitation
D5
1N4148 (or LED)
Piezo ringer discharge (LED for ring indicator)
D6
10V
Surge protection
D7-D9
1N4148
not fitted
D10
1N4148
Keyboard
D11
5v6
Vdd limitation
EC1-EC6
1n
EMC blocking capacitors (not fitted)
IC1
SA252K
Single Chip Telephone
IC2
DF06
Rectifier bridge
J1
Line
Line connector pin selection
J2
Mode
Dialling mode selector
J3
LLC
Line Loss compensation selector
J4
not fitted
J5, J6
(short circuited)
Simulate on-resistance of keypad
LBF1
not fitted
Metering pulses blocking filter, must not be in saturation at Iline max
LBF2
not fitted
Metering pulses blocking filter
LE1
EMC filter (printed on PCB)
LED1
not fitted
n/a
LED2
LED Tone Indicator (SA2532K)
Q1
BSS92
Hook transistor for Mosfet option (not fitted)
Q1A,B
MPSA92
Hook transistor for PNP Darlington option
Q1C
2SA1210
Hook transistor for single PNP option (not fitted)
Q2
MPSA45
Driver transistor for Q1
Q3
BC327
Line current shunt transistor
Q4
BC547B
Ringer driver transistor
Q5
BC557
Current limiter transistor (not fitted)
R1
5.1M
Leakage current limitation
R2
2K2
Ringing impedance
R3
330k
FCI input protection and voltage divider
R4
220k
Voltage divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com