Electronic Components Datasheet Search
  English  ▼

X  

SA2531 Datasheet(PDF) 8 Page - Sames

Part # SA2531
Description  VERSATILE SINGLE CHIP TELEPHONE WITH 14 NUMBER REPERTORY DIALLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2531 Datasheet(HTML) 8 Page - Sames

Back Button SA2531 Datasheet HTML 4Page - Sames SA2531 Datasheet HTML 5Page - Sames SA2531 Datasheet HTML 6Page - Sames SA2531 Datasheet HTML 7Page - Sames SA2531 Datasheet HTML 8Page - Sames SA2531 Datasheet HTML 9Page - Sames SA2531 Datasheet HTML 10Page - Sames SA2531 Datasheet HTML 11Page - Sames SA2531 Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8/24
SA2531 A/B/C/E/G/U
sames
Tone Generator
The tone generator incorporates the DTMF tones and 3 basic frequencies for the tone
ringer.
DTMF Tones
The DTMF Tone Generator creates 12 Tones in compliance with CCITT Recommenda-
tion Q23. Signal levels are altered by Mask Option. High group frequencies have a level
2.6dB higher than those of the Low Group.
Details of the DTMF Tones are:
Low group
Digit 1-2-3
697Hz
(Error = -.074%)
Digit 4-5-6
770Hz
(Error = -.679%
Digit 7-8-9
852Hz
(Error = -.621%)
Digit *-0-#
941Hz
(Error = +.139%)
High group
Digit 1-4-7-*
1209Hz
(Error = +.533%)
KEYBORD ARRANGEMENT 1
10 Direct memories (either VOL or +/- keys)
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com