Electronic Components Datasheet Search
  English  ▼

X  

SA2531 Datasheet(PDF) 17 Page - Sames

Part # SA2531
Description  VERSATILE SINGLE CHIP TELEPHONE WITH 14 NUMBER REPERTORY DIALLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2531 Datasheet(HTML) 17 Page - Sames

Back Button SA2531 Datasheet HTML 13Page - Sames SA2531 Datasheet HTML 14Page - Sames SA2531 Datasheet HTML 15Page - Sames SA2531 Datasheet HTML 16Page - Sames SA2531 Datasheet HTML 17Page - Sames SA2531 Datasheet HTML 18Page - Sames SA2531 Datasheet HTML 19Page - Sames SA2531 Datasheet HTML 20Page - Sames SA2531 Datasheet HTML 21Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
sames
SA2531 A/B/C/E/G/U
17/24
Flash
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Positive Supply Voltage ....................................................................................... -0.3V
≤V
DD≤7V
Input current .................................................................................................................. ±25mA
Input Voltage (LS) .............................................................................................. -0.3V
≤V
IN≤10V
Input Voltage (LI, CS) ........................................................................................... -0.3V
≤V
IN≤8V
Input Voltage (STB, RI) .............................................................................. -2V
≤V
VIN≤VDD+0.3V
Input Voltage (MO) ............................................................................................. -0.3V
≤V
IN≤35V
Digital Input Voltage ................................................................................... -0.3V
≤V
IN≤VDD+0.3V
Electrostatic Discharge ................................................................................................... ±800V
Storage Temperature ...................................................................................... -65°C to +125°C
Recommended Operating Conditions
Supply Voltage * (Speech Mode).......................................................................... 4V
≤≤≤≤≤V
DD≤5V
Oscillator Frequency (Resonator: Murata CSA 3.58M G312AM).......................... 3.58 MHz
Operating Temperature ................................................................................... -25°C to +70°C
* This voltage is generated internally
DC Characteristics (I
LINE = 15 mA unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
DD
Operating Current
Speech mode
3
5
mA
MF dialling
4
mA
LD dialling V
DD = 2.5V
200
µA
Ring mode V
DD = 2.5V
300
µA
I
DDO
Retention Current
Idle mode V
DD = 2V,
0.05
µA
T
AMB = 25°C
V
LI
Line Voltage (default)
13mA
≤I
LINE ≤100mA
4.5
V
I
OL
Output Current, Sink
V
OL = 0.4V
1.5
mA
CS,HS/DP,MO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com