Electronic Components Datasheet Search
  English  ▼

X  

SA2531 Datasheet(PDF) 1 Page - Sames

Part # SA2531
Description  VERSATILE SINGLE CHIP TELEPHONE WITH 14 NUMBER REPERTORY DIALLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2531 Datasheet(HTML) 1 Page - Sames

  SA2531 Datasheet HTML 1Page - Sames SA2531 Datasheet HTML 2Page - Sames SA2531 Datasheet HTML 3Page - Sames SA2531 Datasheet HTML 4Page - Sames SA2531 Datasheet HTML 5Page - Sames SA2531 Datasheet HTML 6Page - Sames SA2531 Datasheet HTML 7Page - Sames SA2531 Datasheet HTML 8Page - Sames SA2531 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
sames
SA2531 A/B/C/E/G/U
1/24
VERSATILE SINGLE CHIP TELEPHONE
WITH 14 NUMBER REPERTORY DIALLER
sames
SA2531 A/B/C/D/E/F/G/J/U
s
Speech circuit, LD/MF Repertory Dialler
and Tone Ringer on one 28 pin CMOS
chip
s
Net 4 compatible
s
Soft clip to avoid harsh distortion
s
Line Loss Compensation selectable by
pin option
s
Power down mode
s
Versatile applications for different PTT
demands
s
31 digit last number redial
s
Sliding Cursor protocol with comparison
s
2 Flash keys, 100 ms and 280 ms (option
600 ms)
s
Ring frequency discrimination
s
Operating range from 13 to 100 mA
(down to 5 mA with reduced perform-
ance)
s
Volume control of receive signalExcept
"D")
s
Low noise (max. -72dBmp)
s
Real or Complex impedance on chip pro-
grammable
s
LD/MF switchable dialling
s
14 memories, 4 direct/10 indirect or 10
direct
s
Pause key for 2, 3 or 6 sec Auto Pause or
Wait function
s
On chip MF filter (CEPT CS 203 compat-
ible)
s
3-tone melody generator
FEATURES
M82-2013
PDS039-SA2531-001
Rev.D
15-05-97
GENERAL DESCRIPTION
The SA2531 is a CMOS integrated circuit that contains all the functions needed to form a high
performance electronic telephone.
The device incorporates LD/MF repertory dialling, melody generation, ring frequency
discrimination and a high quality speech circuit.
A RAM is on chip for a 31 digit last number redial and 14 memories each containing up to 21
digits. The sliding cursor procedure makes Last Number Redial easy behind a PABX.
The SA2531 (exept the SA2531D) incorporates a volume control for the earpiece. The receive
volume can be controlled by the VOL key (+4dB) or by the +/- keys (+6dB/-4dB in 5 steps).
The versatility of the circuit is provided by on chip programmability and a few external
components. This allows easy adaption to different PTT requirements without changing the
PCB of the telephone.


Similar Part No. - SA2531

ManufacturerPart #DatasheetDescription
logo
Sames
SA2531 SAMES-SA2531 Datasheet
71Kb / 13P
SINGLE CHIP TELEPHONE INTERFACE FOR KEYBOARD ENTRY VIA uC
SA2531 SAMES-SA2531 Datasheet
36Kb / 4P
SINGLE CHIP TELEPHONE POWER EXTRACTION FOR EXTERNAL LOADS
More results

Similar Description - SA2531

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
Versatile telephone transmission circuit with dialler interface
March 1994
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Sames
SA2532 SAMES-SA2532 Datasheet
583Kb / 22P
VERSATILE SINGLE CHIP TELEPHONE
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
Versatile Telephone Transmission Circuit with Dialler Interface
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com