Electronic Components Datasheet Search
  English  ▼

X  

SA2531 Datasheet(PDF) 3 Page - Sames

Part # SA2531
Description  VERSATILE SINGLE CHIP TELEPHONE WITH 14 NUMBER REPERTORY DIALLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2531 Datasheet(HTML) 3 Page - Sames

  SA2531 Datasheet HTML 1Page - Sames SA2531 Datasheet HTML 2Page - Sames SA2531 Datasheet HTML 3Page - Sames SA2531 Datasheet HTML 4Page - Sames SA2531 Datasheet HTML 5Page - Sames SA2531 Datasheet HTML 6Page - Sames SA2531 Datasheet HTML 7Page - Sames SA2531 Datasheet HTML 8Page - Sames SA2531 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
sames
SA2531 A/B/C/E/G/U
3/24
Pin# Symbol Function
25
CS
Current Shunt Control Output
This N-channel open drain output controls the external high power shunt
transistor for the modulation of the line voltage and for shorting the line
during make period of pulse dialling.
4V
DD
Positive Voltage Supply
This is the supply pin for the circuit.
26
V
SS
Negative Power Supply
8MO
Melody Output
Pulse Density Modulated output of the melody generator for tone ringer. At
high impedance when not active.
21
FCI
Frequency Comparator Input
This is a Schmitt trigger input for ring frequency discrimination. Disabled
during off-hook.
10
HS/DP
Hook Switch Input and Dial Pulse Output
This is an I/O that is pulled high by the hook switch when off- hook. An open
drain pulls it low during break periods of pulse dialling and flash.
11
OSC
Oscillator Input
Oscillator pin for Xtal or ceramic resonator (3.58 MHz). Recommended part
is the Murata CSA3.5MG312AM.
9
LLC
Line Loss Compensation
Select pin for the loss compensation.
OPEN = None
VDD = 45-75mA
VDD = 20-50mA
12
RR
Repetition Rate
Select pin for repetition rate of melody for the Tone rinser.
22
MODE
Signalling Mode Select Input
Mode pin
Function
High
LD mode, 10pps, M:B = 33:66 (J:20pps)
Open
MFonly
Low
LD mode, 10pps, M:B = 40:60 (J:20pps, M:B = 33:66)
20
R1
Keyboard Rows
19
R2
18
R3
17
R4
16
C1
Keyboard Columns
15
C2
14
C3
13
C4
7CI
Complex Impedance Input
Input pin for the capacitor in the complex impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com