Electronic Components Datasheet Search
  English  ▼

X  

SA2532 Datasheet(PDF) 8 Page - Sames

Part # SA2532
Description  SINGLE CHIP TELEPHONE INTERFACE FOR KEYBOARD ENTRY VIA uC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532 Datasheet(HTML) 8 Page - Sames

Back Button SA2532 Datasheet HTML 4Page - Sames SA2532 Datasheet HTML 5Page - Sames SA2532 Datasheet HTML 6Page - Sames SA2532 Datasheet HTML 7Page - Sames SA2532 Datasheet HTML 8Page - Sames SA2532 Datasheet HTML 9Page - Sames SA2532 Datasheet HTML 10Page - Sames SA2532 Datasheet HTML 11Page - Sames SA2532 Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SAN3010
sames
sames
sames
sames
8/13
PAGE
2
LOC
OBJ
LINE
SOURCE
0088
51
Disable equ
88H
52
53
; #############################################################
54
; Main program: load Accumulator with key code (see below) and
55
;
call subroutine "Key_In"
56
4000
57
Org
04000H
; set start address of program
4000 758160
58
mov
SP,#060H
; set stack pointer
4003 00
59
HS_OK:
NOP
; make sure that at this point
60
; the SA253x has been off-hook
61
; for >20ms
4004 740A
62
Ld_Key: mov
a,#10
; load keycode, here key "0"
4006 12400B
63
Call
Key_in
; execute keystroke
4009 80FE
64
jmp
$
; end of main program, exit at
65
; this point or continue with
66
; next key entry
67
; rem.: add additional delay when
68
; cascading memories (s. Delay7:)
69
; #############################################################
70
; *************************************************************
71
; Subroutine Key_in
72
; *************************************************************
73
; this subroutine executes a key entry to the SA253x
74
; the corresponding key code(0...31) must be loaded in the accu
75
; see table at label:"scantbl"
for key codes
76
; affected Registers:
77
;
A,B,R1,R2,R3,R5,R6,R7,DPTR
78
79
80
400B 12405C
81
Key_in: call
getScTb
; preload Reg5..7 with scan table
82
; Row X: variable in Reg5
83
; Row Y: variable in Reg6
84
; Col X: variable in Reg7
85
400E 7B00
86
Exe_Key:mov
R3,#0
; clear loop counter
4010 7480
87
mov
a,#ForceLO
; force R1 low
4012 F590
88
mov
P1,A
4014 3097FD
89
sync:
jnb
P1.7, $
; make sure, C1= C2 = low
4017 2097FD
90
jb
P1.7, $
; wait for rising edge C1 or C2
91
; = trigger for asynch. timing
92
93
;- Delay 1:wait 71.5 us = 66 machine cycles and force RowX high
401A 791F
94
delay1: mov
R1,#31
; 1 cycle
401C D9FE
95
djnz
R1,$
; 2 cycles; #Loops=(66-4)/2 =31
96
401E 7490
97
SCAN1:
mov
A,#ForceHi
; 1 cycle
4020 4D
98
orl
A,R5
; 1 cycle
4021 F590
99
mov
P1,A
; 1 cycle
100
101
;--------------------------------------------------------------
102
;Delay2:wait 107.25us= 99 machine cycles +disable all rows/cols
4023 7930
103
delay2: mov
R1,#48
; 1 cycle
4025 D9FE
104
djnz
R1,$
; 2 cycles; #Loops =(99-3)/2 = 48
4027 7488
105
mov
A,#Disable
; 1 cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com