Electronic Components Datasheet Search
  English  ▼

X  

SA2532 Datasheet(PDF) 9 Page - Sames

Part # SA2532
Description  SINGLE CHIP TELEPHONE INTERFACE FOR KEYBOARD ENTRY VIA uC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532 Datasheet(HTML) 9 Page - Sames

Back Button SA2532 Datasheet HTML 5Page - Sames SA2532 Datasheet HTML 6Page - Sames SA2532 Datasheet HTML 7Page - Sames SA2532 Datasheet HTML 8Page - Sames SA2532 Datasheet HTML 9Page - Sames SA2532 Datasheet HTML 10Page - Sames SA2532 Datasheet HTML 11Page - Sames SA2532 Datasheet HTML 12Page - Sames SA2532 Datasheet HTML 13Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SAN3010
sames
sames
sames
sames
9/13
PAGE
3
LOC
OBJ
LINE
SOURCE
4029 F590
106
mov
P1,A
; 1 cycle
107
108
;--------------------------------------------------------------
109
;-- Delay 3:wait 321 us = 295 machine cycles and force RowY low
402B 7991
110
delay3: mov
R1,#145
; 1 cycle
402D D9FE
111
djnz
R1,$
; 2 cycles;#Loops=(295-5)/2=145
112
402F 00
113
SCAN2:
NOP
; 1 cycle
4030 7480
114
mov
A,#ForceLO
; 1 cycle
4032 4E
115
orl
A,R6
; 1 cycle
4033 F590
116
mov
P1,A
; 1 cycle
117
118
;--------------------------------------------------------------
119
;Delay 4: wait 321us= 295 machine cycles +disable all rows/cols
4035 7992
120
delay4: mov
R1,#146
; 1 cycle
4037 D9FE
121
djnz
R1,$
; 2 cycles;#Loops=(295-3)/2=146
4039 7488
122
mov
A,#Disable
; 1 cycle
403B F590
123
mov
P1,A
; 1 cycle
124
125
;--------------------------------------------------------------
126
;--- Delay 5:wait 321 us = 295 machine cycles + force ColX high
403D 7991
127
delay5: mov
R1,#145
; 1 cycle
403F D9FE
128
djnz
R1,$
; 2 cycles;#Loops=(295-5)/2=145
129
4041 00
130
SCAN3:
NOP
; 1 cycle
4042 7490
131
mov
A,#ForceHi
; 1 cycle
4044 4F
132
orl
A,R7
; 1 cycle
4045 F590
133
mov
P1,A
; 1 cycle
134
;--------------------------------------------------------------
135
;Delay 6:wait 107.25us=99 machine cycles +disable all rows/cols
4047 7930
136
delay6: mov
R1,#48
; 1 cycle
4049 D9FE
137
djnz
R1,$
; 2 cycles;#Loops=(99-3)/2 = 48
404B 7488
138
mov
A,#Disable
; 1 cycle
404D F590
139
mov
P1,A
; 1 cycle
140
141
;--------------------------------------------------------------
404F 0B
142
inc
R3
; increment loop counter
4050 BB09C1
143
cjne
R3,#9,Sync
; repeat loop 9 times
144
145
146
;----- Delay 7:
wait >15444 us = 14233 machine cycles before
147
;-----
next key entry
148
;----- Remark:
when cascading memory keys (M1...M10, Mem)
149
;----- dialling of a subsequent stored number is only accepted
150
;----- when the previous number has been fully dialled out.
151
;----- Example1: key entry is
"M1","M2"
152
;-----
M2 is only detected when M1 has completed dialing
153
;-----
its stored number, a delay has to be added between
154
;-----
key entries
155
;----- Example2: key entry is
"M1","0"
156
;----
numbers are stored in FIFO ,so they can be entered
157
;-----
immediately after a Memory entry, no additional
158
;-----
delay necessary
4053 7900
159
delay7: mov
R1,#0
;
4055 7A1C
160
mov
R2,#28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com