Electronic Components Datasheet Search
  English  ▼

X  

SA2532 Datasheet(PDF) 6 Page - Sames

Part # SA2532
Description  SINGLE CHIP TELEPHONE INTERFACE FOR KEYBOARD ENTRY VIA uC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532 Datasheet(HTML) 6 Page - Sames

Back Button SA2532 Datasheet HTML 2Page - Sames SA2532 Datasheet HTML 3Page - Sames SA2532 Datasheet HTML 4Page - Sames SA2532 Datasheet HTML 5Page - Sames SA2532 Datasheet HTML 6Page - Sames SA2532 Datasheet HTML 7Page - Sames SA2532 Datasheet HTML 8Page - Sames SA2532 Datasheet HTML 9Page - Sames SA2532 Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SAN3010
sames
sames
sames
sames
6/13
Flowchart for Microcontroller interface to AS253x single-chip-telephone
Notes: RowX,ColX,ColY: see table1
1 tclk= 256/3.58MHz = 71.5µs
all timings: Tol.:+-30µs
wait >20ms after AS253x
off-hook to ensure correct
start-up
Start
Loop=0
Row1 force low
all other rows/cols=Hi Z
Col Y=high ?
No
sync
Yes
delay4
wait 4.5 tclk=321µs
and disable all rows/cols=
Hi Z
delay3
wait 4.5 tclk=321µs
and force RowY low
all other rows/cols= Hi Z
=SCAN2
delay2
wait 1.5 tclk=107.25µs
and disable all rows/cols=
Hi Z
delay1
wait 1 tclk=71.5µs
and force RowX high
all other rows/cols= Hi Z
=SCAN1
delay5
wait 4.5 tclk= 321µs
and force ColX high
all other rows/cols= Hi Z
=SCAN3
Loop = 9 ?
Loop= Loop+1
No
delay6
wait 1.5 tclk=107.25µs
and disable all rows/cols=
Hi Z
delay7
wait 24*9 tclk=15.5ms
Yes
another key entry?
Yes
No
end
Key_in
12 Appendix B: Flowchart:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com