Electronic Components Datasheet Search
  English  ▼

X  

SA2532 Datasheet(PDF) 10 Page - Sames

Part # SA2532
Description  SINGLE CHIP TELEPHONE INTERFACE FOR KEYBOARD ENTRY VIA uC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532 Datasheet(HTML) 10 Page - Sames

Back Button SA2532 Datasheet HTML 5Page - Sames SA2532 Datasheet HTML 6Page - Sames SA2532 Datasheet HTML 7Page - Sames SA2532 Datasheet HTML 8Page - Sames SA2532 Datasheet HTML 9Page - Sames SA2532 Datasheet HTML 10Page - Sames SA2532 Datasheet HTML 11Page - Sames SA2532 Datasheet HTML 12Page - Sames SA2532 Datasheet HTML 13Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SAN3010
sames
sames
sames
sames
10/13
PAGE
4
LOC
OBJ
LINE
SOURCE
4057 D9FE
161
Del7a:
djnz
R1,$
; =256*2 machine cycles
4059 DAFC
162
djnz
R2,Del7a
; =2 machine cycles
163
; 28*(256*2+2)=14392mc's=15.6ms
164
405B 22
165
ret
; return from subroutine
166
167
168
;**************************************************************
169
; Subroutine GetScTb
170
;**************************************************************
171
; this subroutine loads the Reg5..Reg7 registers according to
172
; the keycode passed by the accumulator contents.
173
; valid keycodes are
0.....31 (dec) = 0....1F (Hex)
174
175
405C 904074
176
GetScTb:mov
dptr,#Scantbl
; calculate offset Address:
405F 75F003
177
mov
B,#3
; scantable startaddress
4062 A4
178
mul
AB
;
+ (keycode *3)
4063 F5F0
179
mov
B,A
; save offset address
180
4065 93
181
movc
A,@A+DPTR
; get scan table: Row X
4066 FD
182
mov
R5,A
; RowX
183
4067 E5F0
184
mov
A,B
4069 04
185
inc
A
; get next code
406A F5F0
186
mov
B,A
; save
406C 93
187
movc
A,@A+DPTR
; get scan table: Row X
406D FE
188
mov
R6,A
; RowY
189
406E E5F0
190
mov
A,B
4070 04
191
inc
A
; get next code
4071 93
192
movc
A,@A+DPTR
; get scan table: Row X
4072 FF
193
mov
R7,A
; ColX
194
4073 22
195
ret
196
197
; Scan table: the three constants indicate the rows/columns
198
;
to be driven in the SCAN1....SCAN3 phase
199
;
4074 00
200
Scantbl:db
Row1,Row1,Col1
;
key "Pgm/Mt, keycode= 0
4075 00
4076 04
4077 00
201
db
Row1,Row1,Col2
;
key "1"
, keycode= 1
4078 00
4079 05
407A 00
202
db
Row1,Row1,Col3
;
key "2"
, keycode= 2
407B 00
407C 06
407D 00
203
db
Row1,Row1,Col4
;
key "3"
, keycode= 3
407E 00
407F 07
4080 01
204
db
Row2,Row2,Col1
;
key "4"
, keycode= 4
4081 01
4082 04
4083 01
205
db
Row2,Row2,Col2
;
key "5"
, keycode= 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com